| Moteur de recherche de fiches techniques de composants électroniques |
|
CSD3080H Fiches technique(PDF) 1 Page - Powerex Power Semiconductors |
|
|
|||||||||||||||||||||||||||||
CSD3080H Fiches technique(HTML) 1 Page - Powerex Power Semiconductors |
|
1 / 4 page ![]() Dimension Inches Millimeters A 3.15 80 B 2.559±0.012 65±0.3 C 2.56 65 D 2.52 64 E 1.81 46 F 1.48 36 G 1.18 30 H 0.87 22 J 0.35 9 K 0.28 7 L 0.216 Dia. Dia. 5.5 M 0.08 2 Description: Powerex Single SCR POW-R-BLOK™ Modules are designed for use in applications requiring phase control and isolated packaging. The modules are isolated for easy mounting with other components on common heatsinks. Features: Isolated Mounting Metal Baseplate Low Thermal Impedance Applications: Solid State Starters By-Pass Switch AC and DC Motor Control Ordering Information: Select the complete eight digit module part number you desire from the table below. Example: CSD3080H is an 800 Volt, 400 Ampere Single SCR POW-R-BLOK™ Module. Voltage Current Rating Type Volts (x100) Amperes (400) CSD3 08 0H S-1 Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 Single SCR POW-R-BLOK™ Modules 400 Amperes/800 Volts CSD3080H Outline Drawing CSD3080H Single SCR POW-R-BLOK™ Modules 400 Amperes/800 Volts K G J C D M M F E H B A K G K A .110 TAB L - DIA. (2 TYP.) K A |
Numéro de pièce similaire - CSD3080H |
|
Description similaire - CSD3080H |