| Moteur de recherche de fiches techniques de composants électroniques |
|
CPC7595 Fiches technique(PDF) 14 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC7595 Fiches technique(HTML) 14 Page - Clare, Inc. |
|
14 / 25 page ![]() CPC7595 14 www.clare.com R00B 1.10 Truth Tables 1.10.1 Truth Table for CPC7595xA and CPC7595xB 1.10.2 Truth Table for CPC7595xC State INRINGING INTESTin INTESTout Latch TSD TESTin Switches Break Switches Ringing Test Switches Ringing Switches TESTout Switches Talk 000 0 Z 1 Off On Off Off Off TESTout 0 0 1 Off Off Off Off On TESTin 010 On Off Off Off Off Simultaneous TESTin and TESTout 011 On Off Off Off On Ringing 1 0 0 Off Off Off On Off Ringing Generator Test 110 Off Off On Off Off Latched X X X 1 Unchanged Unchanged Unchanged Unchanged Unchanged All-Off 1 0 1 0 Off Off Off Off Off 1 1 1 0 Off Off Off Off Off X X X X 0 Off Off Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. State INRINGING INTESTin INTESTout Latch TSD TESTin Switches Break Switches Ringing Test Switches Ringing Switches TESTout Switches Talk 000 0 Z 1 Off On Off Off Off TESTout 0 0 1 Off Off Off Off On TESTin 010 On Off Off Off Off Simultaneous TESTin and TESTout 011 On Off Off Off On Ringing 1 0 0 Off Off Off On Off Ringing Generator Test 110 Off Off On Off Off Simultaneous TESTout and Ringing Generator Test 111 Off Off On Off On Latched X X X 1 Unchanged Unchanged Unchanged Unchanged Unchanged All-Off 1 0 1 0 Off Off Off Off Off X X X X 0 Off Off Off Off Off 1 Z = High Impedance. Because T SD has an internal pull up at this pin, it should be controlled with an open-collector or open-drain type device. |