| Moteur de recherche de fiches techniques de composants électroniques |
|
CMS631 Fiches technique(PDF) 2 Page - DFI Inc |
|
|
|||||||||||||||||||||||||||||
CMS631 Fiches technique(HTML) 2 Page - DFI Inc |
|
2 / 4 page ![]() www.dfi.com USB 2.0 4x colay vertical Type A (opt.) USB 2.0 2x colay vertical Type A (opt.) SATA 3.0 6x (opt. 5x, 1x co-lay M.2 M key) SATA 3.0 4x (opt. 3x, 1x co-lay M.2 M key) MECHANICAL DRAWING 22.86 154.94 227.33 0 154.94 227.33 233.68 BLOCK DIAGRAM Intel® Q470E / H420E Chipset Channel A SATA 3.0 SMBus DDI HDA LPC S/PDIF Front Audio Audio Jack (Line-out/Mic-in/Line-in (opt.)) RS232/422/485 2x RS232 4x DDR4 2400/2666/2933MHz UDIMM TCA6416 SMBus VGA Realtek ALC888 Super IO with WDT Fan Control H/W Monitor Case Open DMI 3.0 LGA 1200 GbE LAN 2 USB 3.2 Gen2 2x USB 3.2 Gen1 2x GLAN I210AT MDI USB 2.0 LPC LPC Header SPI SPI BIOS DDR4 2400/2666/2933MHz UDIMM DDR4 2400/2666/2933MHz UDIMM DDR4 2400/2666/2933MHz UDIMM IT6516BFN DDI DP++ HDMI PCIe x4 (Gen3) PCIe x4 1x TPM 2.0 (opt.) USB 3.2 Gen1/USB 2.0 USB 3.2 Gen2/USB 2.0 PCIe x1 LAN 1 USB 3.2 Gen1 2x GLAN I219LM MDI USB 2.0 USB 3.2 Gen1 USB 3.2 Gen1 USB 3.2 Gen1 2x USB 2.0 USB 2.0 USB 2.0 2x PS/2 KB/MS PCIe x16 Gen3 PCIe x16 1x PCIe x1 ASM1085 PCI PCI 5x DDI ASM1442K USB 2.0 Vertical Type A 1x USB 2.0 DIO 16-bit PCIe x4 M.2 M key 1x PCIe x2/USB 2.0 M.2 E key 1x (opt.) M.2 M key 1x (opt. PCIe x1, SATA) M.2 M key 1x (opt. SATA) Channel A Channel B Channel B H420E Only Q470E Only |