Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMS311 Fiches technique(PDF) 2 Page - DFI Inc

No de pièce CMS311
Description  10th Gen Intel® CoreTM microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFI [DFI Inc]
Site Internet  https://www.dfi.com/
Logo DFI - DFI Inc

CMS311 Fiches technique(HTML) 2 Page - DFI Inc

  CMS311 Datasheet HTML 1Page - DFI Inc CMS311 Datasheet HTML 2Page - DFI Inc CMS311 Datasheet HTML 3Page - DFI Inc CMS311 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Q470E/
W480E
Channel A
SATA 3.0
SMBus
DDI
HDA
LPC
S/PDIF
Front Audio
Audio Jack
(Line-out/Mic-in/Line-in (opt.))
RS232/422/485 2x
DDR4 2933MHz UDIMM
M.2 M key
SATA 5x
TCA6416
SMBus
VGA
Realtek
ALC888
Super IO
with WDT
Fan Control
H/W Monitor
Case Open
DMI 3.0
LGA 1200
GbE
LAN 1
USB 3.2 Gen1 2x
GLAN I219LM
MDI
LPC
LPC Header
SPI
SPI BIOS
Channel A
Channel B
Channel B
PTN3355
DDI
DP++
HDMI
PCIe x4
TPM 2.0
USB 2.0
USB 3.2 Gen1
GbE
LAN 2
USB 3.2 Gen2 2x
GLAN I210AT
MDI
USB 2.0
USB 3.2 Gen2
USB 3.2 Gen2
USB 3.2 Gen2 2x
USB 2.0
PCIe x16 (Gen3)
PCIe x16
PCIe x1
PCIe x1
DDI
ASM1442K
USB 2.0 4x
USB 2.0
DIO 16-bit
USB 3.2 Gen1 2x
USB 2.0
USB 3.2 Gen1
PCIe
X550-AT2
MDI
MDI
10G LAN 3
10G LAN 4
DDR4 2933MHz UDIMM
DDR4 2933MHz UDIMM
DDR4 2933MHz UDIMM
PCIe x8
PCIe x8
USB 3.2 Gen1
USB 3.2 Gen1 2x
USB 2.0
PCIe x4
PCIe x4
243.84
0.00
160.45
237.49
85.45
165.10
33.02
10.16



Html Pages

1 2 3 4