Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMS310 Fiches technique(PDF) 2 Page - DFI Inc

No de pièce CMS310
Description  10th Gen Intel® CoreTM microATX
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DFI [DFI Inc]
Site Internet  https://www.dfi.com/
Logo DFI - DFI Inc

CMS310 Fiches technique(HTML) 2 Page - DFI Inc

  CMS310 Datasheet HTML 1Page - DFI Inc CMS310 Datasheet HTML 2Page - DFI Inc CMS310 Datasheet HTML 3Page - DFI Inc CMS310 Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.dfi.com
MECHANICAL DRAWING
BLOCK DIAGRAM
Q470E/
W480E
Channel A
SMBus
DDI
R.G.B
HDA
LPC
Audio Jack
(Line-out, Mic-in)
Co-layout
(Jack w/ Line-in)
S/PDIF
Front Audio
RS232 2x
RS232/422/485 2x
PS/2 KB/MS
DDR4 2400/2666/2933MHz DIMM
M.2 M key
M.2 E key
SATA 4x
TCA6408A
SMBus
VGA
Realtek
ALC888
Super IO
with WDT
Fan Control
H/W Monitor
Case Open
DMI 3.0
LGA 1200
PCIe x1
LAN 1x
USB 3.2 Gen1 2x
I219LM
MDI
LPC
LPC Header
SPI
SPI BIOS
Channel A
Channel B
Channel B
IT6516BFN
DDI
DP++
HDMI 1.4b
TPM 2.0 (Opt.)
USB 2.0
USB 3.2 Gen1
GbE
LAN 1x
USB 3.2 Gen2 2x
I210AT
MDI
USB 3.2 Gen1
USB 2.0
USB 3.2 Gen2
USB 3.2 Gen2
USB 3.2 Gen2 2x
USB 3.2 Gen1
USB 2.0
PCIe x16
PCIe x16 slot 2x
(1 x16 or 2 x8 signal)
DDI
ASM1442K
USB 2.0 4x
USB 2.0
Digital I/O
16-bit
USB 3.2 Gen1 2x
USB 2.0
USB 3.2 Gen1
MDI
PCIe x1
MDI
PCIe x1
LAN 2x
I210AT
I210AT
DDR4 2400/2666/2933MHz DIMM
DDR4 2400/2666/2933MHz DIMM
DDR4 2400/2666/2933MHz DIMM
PCIe x4
PCIe x4
PCIe x1
SATA 3.0
USB 2.0
SATA 3.0
PCIe x4 2x
243.84
0.00
160.45
237.49
85.45
165.10
33.02
10.16



Html Pages

1 2 3 4