| Moteur de recherche de fiches techniques de composants électroniques |
|
LS4148 Fiches technique(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
LS4148 Fiches technique(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 2 page ![]() PAGE . 2 STAD-JUL.30.2004 0 100 100 300 500 200 AMBIENT TEMPERATURE 0 0.7 0.8 0.9 1.0 1.1 24 6 8 1.0 T=25 C f=1KHz J O REVERSE VOLTAGE, VOLTS 10 -2 10 0 10 1 10 2 10 3 10 4 10 -1 FORWARD CURRENT, mA 10 1 10 2 10 0 T=25 C f=1KHz J O 01 2 10 -2 10 -1 10 0 10 2 10 1 10 3 S tp A FORWARD VOLTAGE, VOLTS 10 -5 10 0 10 -1 10 1 10 2 10 -4 10 -3 10 -2 10 -1 10 0 10 1 V=0 V=0.1 V=0.2 V=0.3 T IFRM IFRM I tp t v=tp / T T=1/fp RATING AND CHARACTERISTIC CURVES Fig.4 DERATING CURVE Fig.3 FORWARD CHARACTERISTICS Fig.2-DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT Fig.1 ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION Fig.5 TYPICAL JUNCTION CAPACITANCE |