| Moteur de recherche de fiches techniques de composants électroniques |
|
HCD-RX99 Fiches technique(PDF) 1 Page - Sony Corporation |
|
|
|||||||||||||||||||||||||||||
HCD-RX99 Fiches technique(HTML) 1 Page - Sony Corporation |
|
1 / 20 page ![]() – 1 – MICROFILM HCD-GRX8/R800/ RX88/RX99 AEP Model UK Model HCD-RX88/RX99 E Model HCD-GRX8/R800 Australian Model HCD-GRX8 SPECIFICATIONS Photo: HCD-GRX8 SERVICE MANUAL COMPACT DISC DECK RECEIVER — Continued on next page — Model Name Using Similar Mechanism HCD-H991AV CD Mechanism Type CDM38L-5BD29AL/ CDM38LH-5BD29AL Base Unit Type BU-5BD29AL Optical Pick-up Type KSS-213D/Q-NP Model Name Using Similar Mechanism NEW Tape Transport Mechanism Type TCM-230AWR1/230PWR1 CD SECTION TAPE DECK SECTION HCD-GRX8/R800/RX88/RX99 is the tuner, deck, CD and amplifier section in MHC-GRX8/R800/RX88/RX99. |
Numéro de pièce similaire - HCD-RX99 |
|
Description similaire - HCD-RX99 |