Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EB381 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce EB381
Description  Migrating from the MC68HC811E2 to the MC68HC11F1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB381 Fiches technique(HTML) 2 Page - Motorola, Inc

  EB381 Datasheet HTML 1Page - Motorola, Inc EB381 Datasheet HTML 2Page - Motorola, Inc EB381 Datasheet HTML 3Page - Motorola, Inc EB381 Datasheet HTML 4Page - Motorola, Inc EB381 Datasheet HTML 5Page - Motorola, Inc EB381 Datasheet HTML 6Page - Motorola, Inc EB381 Datasheet HTML 7Page - Motorola, Inc EB381 Datasheet HTML 8Page - Motorola, Inc EB381 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Engineering Bulletin
EB381
2
MOTOROLA
Migrating to the MC68HC11F1
For current MC68HC811E2 users with external memory systems
(expanded mode operation), the MC68HC11F1 is a possible
replacement part (see Table 1). The MC68HC11F1 can address
64 Kbytes of external memory in expanded mode and requires less glue
logic than the MC68HC811E2.
Other advantages of migrating to the MC68HC11F1 are:
•
More RAM
•
More expanded mode input/output (I/O)
•
Non-multiplexed address/data bus
•
3-volt operation
•
Ability to run at higher speeds
For complete information on the MC68HC811E2, see the M68HC11E
Family Technical Data, Motorola document order number
M68HC11E/D. For information on the MC68HC11F1, see the
MC68HC11F1 Technical Data, Motorola document order number
MC68H11CF1/D. Both can be found at
http://motorola.com/semiconductor (the Motorola World Wide Web site).
Major Differences
The major differences between these two parts are:
•
Package options
•
Memory map (memory, registers, etc.)
•
EEPROM block protect
•
CONFIG register
•
External glue logic requirements
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16