Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6823LWY6F Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce STM6823LWY6F
Description  5-pin Supervisor with watchdog timer and push-button reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6823LWY6F Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button STM6823LWY6F Datasheet HTML 18Page - STMicroelectronics STM6823LWY6F Datasheet HTML 19Page - STMicroelectronics STM6823LWY6F Datasheet HTML 20Page - STMicroelectronics STM6823LWY6F Datasheet HTML 21Page - STMicroelectronics STM6823LWY6F Datasheet HTML 22Page - STMicroelectronics STM6823LWY6F Datasheet HTML 23Page - STMicroelectronics STM6823LWY6F Datasheet HTML 24Page - STMicroelectronics STM6823LWY6F Datasheet HTML 25Page - STMicroelectronics STM6823LWY6F Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Package mechanical data
STM6321/6322STM6821/6822/6823/6824/6825
22/26
6
Package mechanical data
Figure 27.
SOT23-5 – 5-lead small outline transistor package mechanical drawing
1.
Drawing is not to scale.
Table 7.
SOT23-5 – 5-lead small outline transistor package mechanical data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.900
1.450
0.0472
0.0354
0.0571
A1
0.150
0.0059
A2
1.050
0.900
1.300
0.0413
0.0354
0.0512
B
0.400
0.350
0.500
0.0157
0.0138
0.0197
C
0.150
0.090
0.200
0.0059
0.0035
0.0079
D
2.900
2.800
3.000
0.1142
0.1102
0.1181
D1
1.900
0.0748
E
2.800
2.600
3.000
0.1102
0.1024
0.1181
e
0.950
0.0374
F
1.600
1.500
1.750
0.0630
0.0591
0.0689
K0
10
0
10
L
0.350
0.100
0.600
0.0138
0.0039
0.0236
SOT23-5
CP
A
C
A2
A1
D1
D
e
B
E
L
K
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26