| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS310-R680EIRM Fiches technique(PDF) 2 Page - DFI Inc |
|
|
|||||||||||||||||||||||||||||
ADS310-R680EIRM Fiches technique(HTML) 2 Page - DFI Inc |
|
2 / 5 page ![]() www.dfi.com MECHANICAL DRAWING BLOCK DIAGRAM R680E/ Q670E Channel A SATA 3.0 SMBus DDI HDA eSPI S/PDIF Front Audio Audio Jack (Line-out/Mic-in/Line-in (opt.)) RS232/422/485 2x DDR4 3200MHz UDIMM M.2 M key (NVMe) SATA 4x TCA6408A SMBus TPM 2.0 VGA Realtek ALC888 Super IO with WDT Fan Control H/W Monitor Case Open DMI 4.0 LGA 1700 2.5G LAN 1 USB 3.2 Gen2 2x GLAN Intel® I226-LM MDI SPI SPI BIOS Channel A Channel B Channel B PTN3355 DDI DP++ HDMI 2.0 PCIe x4 (Gen4)/SATA 3.0 USB 2.0 USB 3.2 Gen2/Gen1 PCIe 3.0 2.5G LAN 2 USB 3.2 Gen2 2x USB 3.1 Gen2/Gen1 USB 3.2 Gen2 2x USB 2.0 PCIe x16 (Gen5) PCIe x16 PCIe x4 (Gen3) PCIe x4 USB 2.0 3x Colay Vertical Type A Connector USB 2.0 DIO 8-bit USB 3.2 Gen1 4x USB 2.0 USB 3.2 Gen1 PCIe 3.0 X550-AT2 MDI MDI 10G LAN 1 10G LAN 2 DDR4 3200MHz UDIMM DDR4 3200MHz UDIMM DDR4 3200MHz UDIMM PCIe x4 (Gen4) PCIe x4 DDI DP++ DDI PCIe x4 (Gen4) M.2 M key (NVMe) GLAN Intel® I226-V MDI USB 2.0 USB 3.2 Gen2/Gen1 PCIe Gen3 PCIe x4 (Gen4) PCIe x4 M.2 E key PCIe (Gen3) CNVi USB 2.0 0.00 10.16 154.94 227.33 233.68 |