| Moteur de recherche de fiches techniques de composants électroniques |
|
S71GL032N40 Fiches technique(PDF) 7 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71GL032N40 Fiches technique(HTML) 7 Page - SPANSION |
|
7 / 11 page ![]() June 19, 2007 S71GL-N_00_02 S71GL-N Based MCPs 7 Da ta Sh e e t (Adv a n ce In f o r m ation) 4. Pin Description Pin Description A21–A0 22 Address Inputs (Common and Flash only) (A20-A0 for the S71GL032N) DQ15–DQ0 16 Data Inputs/Outputs (Common) CE1#f Chip Enable (Flash) CE1#s Chip Enable 1 (pSRAM/SRAM) CE2s Chip Enable 2 (pSRAM/SRAM) OE# Output Enable (Common) WE# Write Enable (Common) RY/BY# Ready/Busy Output (Flash 1) UB# Upper Byte Control (pSRAM/SRAM) LB# Lower Byte Control (pSRAM/SRAM) RESET# Hardware Reset Pin, Active Low (Flash) WP#/ACC Hardware Write Protect/Acceleration Pin (Flash) VCCf Flash 3.0 volt-only single power supply (see Product Selector Guide for speed options and voltage supply tolerances) VCCS pSRAM/SRAM Power Supply VSS Device Ground (Common) NC Pin Not Connected Internally |