Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM6680TR Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce PM6680TR
Description  No Rsense dual step-down controller with adjustable voltages for notebook system power
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6680TR Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button PM6680TR Datasheet HTML 20Page - STMicroelectronics PM6680TR Datasheet HTML 21Page - STMicroelectronics PM6680TR Datasheet HTML 22Page - STMicroelectronics PM6680TR Datasheet HTML 23Page - STMicroelectronics PM6680TR Datasheet HTML 24Page - STMicroelectronics PM6680TR Datasheet HTML 25Page - STMicroelectronics PM6680TR Datasheet HTML 26Page - STMicroelectronics PM6680TR Datasheet HTML 27Page - STMicroelectronics PM6680TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Device description
PM6680
24/49
7.3
Output ripple compensation and loop stability
In a classic Constant On Time control, the system regulates the valley value of the output
voltage and not the average value, as shown in Figure 28 In this condition, the output
voltage ripple is source of a DC static error.
To compensate this error, an integrator network can be introduced in the control loop, by
connecting the output voltage to the COMP1/COMP2 (for the OUT1 and OUT2 sections
respectively) pin through a capacitor CINT as in Figure 30
Figure 30.
Circuitry for output ripple compensation
The integrator amplifier generates a current, proportional to the DC errors between the FB
voltage and Vr, which decreases the output voltage in order to compensate the total static
error, including the voltage drop on PCB traces. In addition, CINT provides an AC path for the
output ripple. In steady state, the voltage on COMP1/COMP2 pin is the sum of the reference
voltage Vr and the output ripple (see Figure 30). In fact when the voltage on the COMP pin
reaches Vr, a fixed Ton begins and the output increases.
For example, we consider Vout = 5V with an output ripple of
∆V = 50mV. Considering
CINT >> CFILT, the CINT DC voltage drop VCINT is about 5V-Vr+25mV = 4.125V. CINT assures
an AC path for the output voltage ripple. Then the COMP pin ripple is a replica of the output
ripple, with a DC value of Vr + 25mV = 925mV.
For more details about the output ripple compensation network, see the Section 7.13.6:
Closing the integrator loop on page 37 in the Design guidelines.
In steady state the FB pin voltage is about Vr and the regulated output voltage depends on
the external divider:
Equation 4
+
-
V
Vrr
C
CO
OM
MP
P
g
gm
m
O
OU
UT
T
V
Vrr
+
P
PW
WM
M
C
Co
om
mp
pa
arra
atto
orr
C
CIINNTT
R
RIINNTT
C
CFFIILLTT
t
Vr
C
COOUUTT
COMP PIN
VOLTAGE
L
L
D
D
OUTPUT
VOLTAGE
I=gm(V1-Vr)
V
V1
1
t
∆V
∆V
V
VCCIINNTT
R
ROOUUTT
F
FB
B
R
R11
R
R22
OUT
Vr
1
R
2
R
1
-------
+
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49