| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0087 Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0087 Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() 3/11 UM0087 - USER MANUAL GETTING STARTED Please insert the CD that comes with the Kit and print the following documents. These documents will help you become familiar with the CD contents, the DK3300 Users Guide and an Application Note that will walk you through a design example. ■ Read me text file (Readme.txt) ■ DK3300 Users Guide (UM0087.PDF) ■ AN1763 Example Design (AN1763.PDF) ■ Any errata file that may exist (*errata*.PDF) Before you can use the uPSD You will need to install some software on your PC system before you can program the DK3300. This in- cludes PSDSoft Express and the Keil uVision Integrated Development Environment. Please follow the fol- lowing steps to get started using the DK3300: Step 1 - Install PSDsoft Express. Install the latest version of PSDsoft Express (from the Raisonance CD). Note: PSDSoft Express is required to configure the µPSD device. Please check the ST Website for the Latest PSDSoft version: www.st.com/micropsd If you already have PSDSoft Express installed, then please install the update file by first unzipping the file called Update_ExpressXXX.zip. This update file will automatically update your version of PSDSoft to sup- port the Turbo µPSD3300. If you do not have PSDSoft Express installed, then please install it by first unzipping the file called In- stallExpressXXX.zip. This will install the software needed to configure and optionally program the Flash inside the µPSD3300 product. Step 2 - Install Keil uVision2. Install the latest version of Keil uVision2 Integrated Development Environ- ment (ver 2.39 or greater). or the latest version of Raisonance’s Ride Environment. Note: The Keil IDE or Raisonance IDE is required in order to make use of the JTAG debug feature built- into the µPSD3300. Please check the Keil website for the latest version: www.keil.com, or Raisonance website: www.raisonance.com If you already have uVision2 Integrated Development Environment from Keil Software Inc., and your Keil software maintenance period has not expired, just update your uVision2 by double-clicking the file UP51XXXX.exe located in the Keil directory on the CD. If you do not have uVision2 Integrated Development Environment, you should install the trial version from Keil in order to compile the example application described in AN1763. To install the trial version double- click the file EK51XXXX.exe located in the Keil directory on the CD. |