Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPWI Fiches technique(PDF) 8 Page - Littelfuse

No de pièce LPWI
Description  Surface Mount
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPWI Fiches technique(HTML) 8 Page - Littelfuse

Back Button LPWI Datasheet HTML 4Page - Littelfuse LPWI Datasheet HTML 5Page - Littelfuse LPWI Datasheet HTML 6Page - Littelfuse LPWI Datasheet HTML 7Page - Littelfuse LPWI Datasheet HTML 8Page - Littelfuse LPWI Datasheet HTML 9Page - Littelfuse LPWI Datasheet HTML 10Page - Littelfuse LPWI Datasheet HTML 11Page - Littelfuse LPWI Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Power Inductor Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 09/13/23
8
LPWI Series
Surface Mount
Dimensions
A
Unit = mm
Recommended Footprint and Stencil Mask
Stencil Mask
T = 0.10mm
E
F
G
B
C
D
Part Number
A
B
C (max.)
D
E
F
G
LPWI160808SR24T
1.60±0.20
0.80±0.20
0.80
0.30±0.20
1.80+0.10
1.00+0.10
0.80±0.10
LPWI160808SR47T
LPWI160808S1R0T
LPWI160808HR47T
1.70±0.10
0.90±0.10
0.7±0.10
0.30±0.20
1.80+0.10
1.00+0.10
0.80±0.10
LPWI160808H1R0T
LPWI201208SR24T
2.00±0.20
1.20±0.20
0.8
0.50±0.30
2.40+0.10
1.45+0.10
0.80±0.10
LPWI201208SR68T
LPWI201208S1R5T
LPWI201208SR47T
LPWI201208S1R0T
LPWI201208HR47T
LPWI201210SR47T
2.00±0.20
1.20±0.20
1,00
0.50±0.30
2.40+0.10
1.45+0.10
0.80±0.10
LPWI201210HR47T
2.00±0.20
1.20±0.20
0.9±0.10
0.50±0.30
2.40+0.10
1.45+0.10
0.80±0.10
LPWI201210S1R0T
LPWI201608LR24T
2.00±0.20
1.60±0.20
0.8
0.40±0.10
2.40+0.10
1.80+0.10
1.00±0.10
LPWI201608NR24T
LPWI201608N1R5T
LPWI201608HR47T
2.00±0.20
1.60±0.20
0.70±0.10
0.50±0.30
2.40+0.10
1.80+0.10
1.00±0.10
LPWI201608H1R0T
LPWI201608S1R0T
LPWI201608S2R2T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17