Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV201 Fiches technique(PDF) 2 Page - Pan Jit International Inc.

No de pièce BAV201
Description  HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAV201 Fiches technique(HTML) 2 Page - Pan Jit International Inc.

  BAV201 Datasheet HTML 1Page - Pan Jit International Inc. BAV201 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-JAN.27.2004
0
0.2
1.0
10
100
.8
1.2
1.6
.4
0
REVERSE VOLTAGE, VOLTS
0.6
0.7
0.8
0.9
1.0
1.1
1234
5
0
PULSE WIDTH, ms
0
2
4
6
8
10
12
14
110
100
1000
Fig.2 TYPICAL CAPACITANCE vs REVERSE VOLATGE
FORWARD VOLTAGE, VOLTS
Fig.1 FORWARD CHARACTERISTICS
Fig. SURGE CURRENT CHARACTERISTIC
RATING AND CHARACTERISTIC CURVES
T =125 C
A
O
75 C
O
25 C
O
-25 C
O



Html Pages

1 2