Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP-40/5/440 Fiches technique(PDF) 2 Page - Littelfuse

No de pièce CAP-40/5/440
Description  Motor Run Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CAP-40/5/440 Fiches technique(HTML) 2 Page - Littelfuse

  CAP-40/5/440 Datasheet HTML 1Page - Littelfuse CAP-40/5/440 Datasheet HTML 2Page - Littelfuse CAP-40/5/440 Datasheet HTML 3Page - Littelfuse CAP-40/5/440 Datasheet HTML 4Page - Littelfuse CAP-40/5/440 Datasheet HTML 5Page - Littelfuse CAP-40/5/440 Datasheet HTML 6Page - Littelfuse CAP-40/5/440 Datasheet HTML 7Page - Littelfuse CAP-40/5/440 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Littelfuse.com/HCK
© 2022 Littelfuse, Inc.
Rev: 052422
Motor Run Capacitor
HCK Series
Certification & Compliance
RU, cRU
File No. E223457
UL/cUL Recognized 5085
File No. E223730 (Class 2 and 3)
File No. E243953 (General Purpose)
Ordering Information
LITTELFUSE CATALOG
NUMBER
CONTACTOR
FORM PER
CIRCUIT
FULL LOAD
CURRENT
INDUCTIVE
FULL LOAD
CURRENT
RESISTIVE
LOCKED ROTOR
CURRENT
LOCKED ROTOR
CURRENT
LOCKED ROTOR
WEIGHT
CAP-3/440R
Single
3
440 Volt
3 Microfarad
50/60 Hz
0.5 Lb
CAP-3/440
Single
3
440 Volt
3 Microfarad
50/60 Hz
0.5 Lb
CAP-4/440R
Single
3
440 Volt
4 Microfarad
50/60 Hz
0.5 Lb
CAP-4/440
Single
3
440 Volt
4 Microfarad
50/60 Hz
0.5 Lb
CAP-5/440R
Single
3
440 Volt
5 Microfarad
50/60 Hz
0.5 Lb
CAP-5/440
Single
3
440 Volt
5 Microfarad
50/60 Hz
0.5 Lb
CAP-6/440
Single
3
440 Volt
6 Microfarad
50/60 Hz
0.5 Lb
CAP-7.5/440R
Single
3
440 Volt
7.5 Microfarad
50/60 Hz
0.5 Lb
CAP-7.5/440
Single
3
440 Volt
7.5 Microfarad
50/60 Hz
0.5 Lb
CAP-10/10/440R
Dual
3
440 Volt
10+10 Microfarad
50/60 Hz
0.5 Lb
CAP-10/440R
Single
3
440 Volt
10 Microfarad
50/60 Hz
0.5 Lb
CAP-10/440
Single
3
440 Volt
10 Microfarad
50/60 Hz
0.5 Lb
CAP-12.5/440R
Single
3
440 Volt
12 Microfarad
50/60 Hz
0.5 Lb
CAP-12.5/440
Single
3
440 Volt
12.5 Microfarad
50/60 Hz
0.5 Lb
CAP-15/3/440R
Dual
3
440 Volt
15+3 Microfarad
50/60 Hz
.04 Lb
CAP-15/5/440R
Dual
3
440 Volt
15+5 Microfarad
50/60 Hz
0.5 Lb
CAP-15/5/440
Dual
3
440 Volt
15+5 Microfarad
50/60 Hz
.04 Lb
CAP-15/7.5/440R
Dual
3
440 Volt
15+7.5 Microfarad
50/60 Hz
0.5 Lb
CAP-15/10/440R
Dual
3
440 Volt
15+10 Microfarad
50/60 Hz
.04 Lb
CAP-15/440R
Single
3
440 Volt
15 Microfarad
50/60 Hz
0.5 Lb
CAP-15/440
Single
3
440 Volt
15 Microfarad
50/60 Hz
0.5 Lb
CAP-17.5/440
Single
3
440 Volt
17.5 Microfarad
50/60 Hz
0.5 Lb
CAP-20/5/440R
Dual
3
440 Volt
20+5 Microfarad
50/60 Hz
0.5 Lb
CAP-20/5/440
Dual
3
440 Volt
20+5 Microfarad
50/60 Hz
0.5 Lb
CAP-20/7.5/440R
Dual
3
440 Volt
20+7.5 Microfarad
50/60 Hz
0.5 Lb
CAP-20/10/440R
Dual
3
440 Volt
20+10 Microfarad
50/60 Hz
.04 Lb
CAP-20/440R
Single
3
440 Volt
20 Microfarad
50/60 Hz
0.5 Lb
CAP-20/440
Single
3
440 Volt
20 Microfarad
50/60 Hz
0.5 Lb
CAP-25/5/440R
Single
3
440 Volt
25+5 Microfarad
50/60 Hz
0.5 Lb
CAP-25/5/440
Dual
3
440 Volt
25+5 Microfarad
50/60 Hz
0.5 Lb
CAP-25/7.5/440R
Dual
3
440 Volt
25+7.5 Microfarad
50/60 Hz
0.5 Lb
CAP-25/7.5/440
Dual
3
440 Volt
25+7.5 Microfarad
50/60 Hz
.04 Lb
CAP-25/10/440R
Dual
3
440 Volt
25+10 Microfarad
50/60 Hz
0.5 Lb



Html Pages

1 2 3 4 5 6 7 8