Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP-35/5/440 Fiches technique(PDF) 8 Page - Littelfuse

No de pièce CAP-35/5/440
Description  Motor Run Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CAP-35/5/440 Fiches technique(HTML) 8 Page - Littelfuse

  CAP-35/5/440 Datasheet HTML 1Page - Littelfuse CAP-35/5/440 Datasheet HTML 2Page - Littelfuse CAP-35/5/440 Datasheet HTML 3Page - Littelfuse CAP-35/5/440 Datasheet HTML 4Page - Littelfuse CAP-35/5/440 Datasheet HTML 5Page - Littelfuse CAP-35/5/440 Datasheet HTML 6Page - Littelfuse CAP-35/5/440 Datasheet HTML 7Page - Littelfuse CAP-35/5/440 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Littelfuse.com/HCK
© 2022 Littelfuse, Inc.
Rev: 052422
Motor Run Capacitor
HCK Series
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for
their own applications. Littelfuse products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
LITTELFUSE CATALOG NUMBER
HEIGHT - IN.(MM)
LENGTH - IN. (MM)
WIDTH - IN. (MM)
CAP-80/7.5/440R
2.46 (62.48)
5.39 (136.91)
2.46 (62.48)
CAP-80/7.5/440
2.46 (62.48)
5.39 (136.91)
2.46 (62.48)
CAP-80/10/440R
2.58 (65.53)
5.39 (136.91)
2.58 (65.53)
CAP-80/440R
2.58 (65.53)
4.8 (121.92)
2.58 (65.53)
CAP-80/440
4.8 (121.92)
2 (50.8)
2 (50.8)
Dimensions (cont.)



Html Pages

1 2 3 4 5 6 7 8