Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9262APS Fiches technique(PDF) 4 Page - Richtek Technology Corporation

No de pièce RT9262APS
Description  High Efficiency, Low Supply Current, Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262APS Fiches technique(HTML) 4 Page - Richtek Technology Corporation

  RT9262APS Datasheet HTML 1Page - Richtek Technology Corporation RT9262APS Datasheet HTML 2Page - Richtek Technology Corporation RT9262APS Datasheet HTML 3Page - Richtek Technology Corporation RT9262APS Datasheet HTML 4Page - Richtek Technology Corporation RT9262APS Datasheet HTML 5Page - Richtek Technology Corporation RT9262APS Datasheet HTML 6Page - Richtek Technology Corporation RT9262APS Datasheet HTML 7Page - Richtek Technology Corporation RT9262APS Datasheet HTML 8Page - Richtek Technology Corporation RT9262APS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RT9262/A
Preliminary
4
DS9262/A-11 March 2007
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
RT9262
RT9262A
Pin Name
Pin Function
1
1
GND
Ground
2
2
EXT
Output Pin for Driving External NMOS or NPN
When driving an NPN, a resistor should be added for limiting base current.
3
--
LFB
Feedback Pin of the Built-in LDO (Internal Vref = 0.86V)
4
--
LDOO
Voltage Output Pin of the Built-in LDO
--
3
LBO
Drain Output Pin of the NMOS of the Built-in Low Voltage Detector
This pin will be internally pulled low when the voltage at LBI pin drops to
below 0.86V.
--
4
LBI
Input Pin of the Built-in Low Voltage Detector
Trip point = 0.86V
5
5
FB
Feedback Input Pin
Internal reference voltage for the error amplifier is 1.25V.
6
6
VDD
Input Positive Power Pin of RT9262/A
7
7
LX
Pin for Switching
8
8
EN
Chip Enable Pin (Active High).
+
-
+
-
Loop Control Circuit
0.86V
Q2
P MOS
1.25V
VDD
R2
Q3
N MOS
EN
LFB
LDO O
FB
Q1
N MOS
R1
EXT
LX
GND
Shut Down
Over Temp.
Detector
VDD
RT9262
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com