Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD2481 Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce CD2481
Description  Programmable Four-Channel Communications Controller
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

CD2481 Fiches technique(HTML) 13 Page - Intel Corporation

Back Button CD2481 Datasheet HTML 9Page - Intel Corporation CD2481 Datasheet HTML 10Page - Intel Corporation CD2481 Datasheet HTML 11Page - Intel Corporation CD2481 Datasheet HTML 12Page - Intel Corporation CD2481 Datasheet HTML 13Page - Intel Corporation CD2481 Datasheet HTML 14Page - Intel Corporation CD2481 Datasheet HTML 15Page - Intel Corporation CD2481 Datasheet HTML 16Page - Intel Corporation CD2481 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 222 page
background image
Programmable Four-Channel Communications Controller — CD2481
Datasheet
13
2.0
Conventions
2.1
Abbreviations
The use of ‘tbd’ indicates values that are ‘to be determined’, ‘n/a’ designates ‘not available’, and
‘n/c’ indicates a pin that is a ‘no connect’.
Symbol
Units of measure
°C
degree Celsius
µFmicrofarad
µs
microsecond (1,000 nanoseconds)
Hz
hertz (cycle per second)
Kbit
kilobit (1,024 bits)
kbits/second
kbps
kilobit (1,000 bits) per second
Kbyte
kilobyte (1,024 bytes)
Kbytes/second
kilobyte (1,000 bytes) per second
kHz
kilohertz
k
Ω
kilohm
Mbyte
megabyte (1,048,576 bytes)
MHz
megahertz (1,000 kilohertz)
mA
milliampere
ms
millisecond (1,000 microseconds)
ns
nanosecond
pV
picovolt
Vvolt
Wwatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More