Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLF461-0UG-024B Fiches technique(PDF) 19 Page - LEDTRONICS, INC

No de pièce SLF461-0UG-024B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDTRONICS [LEDTRONICS, INC]
Site Internet  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

SLF461-0UG-024B Fiches technique(HTML) 19 Page - LEDTRONICS, INC

Back Button SLF461-0UG-024B Datasheet HTML 15Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 16Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 17Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 18Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 19Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 20Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 21Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 22Page - LEDTRONICS, INC SLF461-0UG-024B Datasheet HTML 23Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Miniature Packages
Replaces
Incandescent
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
8000K Cool White
InGaN
570nm Lime Green
InGaAIP
525nm Super Green
InGaN
470nm Super Blue
InGaN
WF321
.90
.41
WF321-0UG-006B
WF321-0UG-014B
WF321-0UG-024B
WF321-0UG-028B
WF321-0UG-048B
WF321-0UG-120A
WF321-0UG-130V
Replace WF321 With
W321 for Narrow Beam
(12-15º) 1K mcd@
20mA
5/6V
12/14V
24V
28V
48V
120VAC
130V
20
20
20
20
12
10
8
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
120º
58
58
58
58
35
29
23
WF321
WF321-0AG-006B
WF321-0AG-014B
WF321-0AG-024B
WF321-0AG-028B
WF321-0AG-048B
WF321-0AG-120A
WF321-0AG-130V
Replace WF321 With
W321 for Narrow Beam
(15º) 7K mcd/250 Ft.Cd
@ 15mA
400
5/6V
12/14V
24V
28V
48V
120VAC
130V
15
15
15
15
12
10
8
400
400
400
320
275
230
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
120º
.90
.41
WF321
WF321-0PB-006B
WF321-0PB-014B
WF321-0PB-024B
WF321-0PB-028B
WF321-0PB-048B
WF321-0PB-120A
WF321-0PB-130V
Replace WF321 With
W321 for Std. Beam
(15º)
116
5/6V
12/14V
24V
28V
48V
120VAC
130V
15
15
15
15
12
10
8
116
116
116
84
106
53
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
120º
.90
.41
T3-1/4 (9mm) Miniature Wedge Based LEDs
WF3126-0CW-006B
WF3126-0CW-014B
WF3126-0CW-024B
WF3127-0CW-028B
5/6V
12/14V
24V
28V
90
30
15
15
900
900
900
1050
WF3126/
WF3127
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
WF3127-0CW-048B
WF3127-0CW-120A
WF3127-0CW-130V
WF3126/
WF3127
.40
WF3126-0UG-006B
WF3126-0UG-104B
WF3127-0UG-024B
WF3127-0UG-28B
5/6V
12/14V
24V
28V
120
40
20
20
216
216
252
252
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
.40
.90
.90
WF3127-0UG-48B
WF3127-0UG-120A
WF3127-0UG-130V
WF3126/
WF3127
WF3126-0AG-006B
WF3126-0AG-014B
WF3126-0AG-024B
WF3127-0AG-028B
5/6V
12/14V
24V
28V
90
30
15
15
1200
1200
1200
1400
.40
.90
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
525nm Super Green
InGaN
120º
120º
WF3127-0AG-048B
WF3127-0AG-120A
WF3127-0AG-130V
48V
120VAC
130V
12
10
8
336
315
252
WF3126/
WF3127
WF3126-0PB-006B
WF3126-0PB-014B
WF3127-0PB-024B
WF3127-0PB-028B
5/6V
12/14V
24V
28V
90
30
15
15
360
360
420
420
159,259,555,1995-7
124,658,2080,936
656,657,400,464,655
656,657,400,464,655
WF3127-0PB-048B
WF3127-0PB-120A
WF3127-0PB-130V
120º
.40
.90
48V
120VAC
130V
12
10
8
840
700
560
48V
120VAC
130V
12
10
8
154
126
100
48V
120VAC
130V
12
10
8
1190
1050
910
470nm Super Blue
InGaN
570nm Lime Green
InGaAIP
120º
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
Contact Polarity
B = Bipolar AC/DC
A = AC only
V = DC only
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, orrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com