| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40 Fiches technique(PDF) 2 Page - Pan Jit International Inc. |
|
|
|||||||||||||||||||||||||||||
BAS40 Fiches technique(HTML) 2 Page - Pan Jit International Inc. |
|
2 / 3 page ![]() PAGE . 2 STAD-AUG.04.2006 BAS40/A/C/S FIG. 1-TYPICAL FORWARD CHARACTERISTIC FIG. 2-TYPICAL REVERSE CHARACTERISTICS FIG. 4 FORWARD CURRENT DERATING FIG. 3 TYPICAL JUNCTION CAPACITANCE 0 200 300 400 100 50 100 150 200 FORWARD VOLTAGE, Volts REVERSE VOLTAGE, Volts REVERSE VOLTAGE, Volts AMBIENT TEMPERATURE( C) O 0 0.1 1.0 10 100 0.4 0.6 0.8 1.0 T=25 C A O 0 0 0.01 0.1 1.0 10 100 10 20 30 40 T=25 C A O T=75 C A O T =125 C A O 0 0 1.0 2.0 3.0 10 20 30 40 R E T E M A R A Pl o b m y Sn o it i d n o C t s e T. N I M. P Y T. X A Ms t i n U e g a tl o V n w o d k a e r B e s r e v e RV ) R B ( I R 0 1 =uA 0 4- -- -V t n e r r u C e s r e v e RI R V R 0 3 =V V R 0 4 =V - -- - 0 . 1 0 1 A u e g a tl o V d r a w r o FV F I F 0 . 1 =mA I F 0 1 =mA I F 0 4 =mA - -- - 8 3 . 0 0 5 . 0 0 0 . 1 V e c n a t i c a p a C l a t o TC T V R , V 0 =f H M 0 . 1 = Z - -- -0 . 5F p ELECTRICAL CHARACTERISTICS ELECTRICAL CHARACTERISTICS CURVE |