| Moteur de recherche de fiches techniques de composants électroniques |
|
7B27-R-05-1 Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
7B27-R-05-1 Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 8 page ![]() 7B27 Rev. 0 | Page 3 of 8 7B27 Models Available Model Input Type Input Range Output Range 7B27-J-01-1 Type J -100°C to +100°C (-148°F to +1400°F) +1 V to +5 V 7B27-J-01-2 Type J -100°C to +100°C (-148°F to +1400°F) 0 V to +10 V 7B27-J-10-1 Type J 0°C to +200°C (+32°F to +392°F) +1 V to +5 V 7B27-J-10-2 Type J 0°C to +200°C (+32°F to +392°F) 0 V to +10 V 7B27-J-11-1 Type J 0°C to +400°C (+32°F to +752°F) +1 V to +5 V 7B27-J-11-2 Type J 0°C to +400°C (+32°F to +752°F) 0 V to +10 V 7B27-J-12-1 Type J 0°C to +600°C (+32°F to +1112°F) +1 V to +5 V 7B27-J-12-2 Type J 0°C to +600°C (+32°F to +1112°F) 0 V to +10 V 7B27-J-13-1 Type J +300°C to +600°C (+572°F to +1112°F) +1 V to +5 V 7B27-J-13-2 Type J +300°C to +600°C (+572°F to +1112°F) 0 V to +10 V 7B27-K-02-1 Type K -100°C to +1350°C (-148°F to +2462°F) +1 V to +5 V 7B27-K-02-2 Type K -100°C to +1350°C (-148°F to +2462°F) 0 V to +10 V 7B27-K-20-1 Type K 0°C to +300°C (+32°F to +572°F) +1 V to +5 V 7B27-K-20-2 Type K 0°C to +300°C (+32°F to +572°F) 0 V to +10 V 7B27-K-21-1 Type K 0°C to +600°C (+32°F to +1112°F) +1 V to +5 V 7B27-K-21-2 Type K 0°C to +600°C (+32°F to +1112°F) 0 V to +10 V 7B27-K-22-1 Type K 0°C to +1200°C (+32°F to +2192°F) +1 V to +5 V 7B27-K-22-2 Type K 0°C to +1200°C (+32°F to +2192°F) 0 V to +10 V 7B27-K-23-1 Type K +600°C to +1200°C (-148°F to +1400°F) +1 V to +5 V 7B27-K-23-2 Type K +600°C to +1200°C (-148°F to +1400°F) 0 V to +10 V 7B27-T-03-1 Type T -100°C to +400°C (-148°F to +752°F) +1 V to +5 V 7B27-T-03-2 Type T -100°C to +400°C (-148°F to +752°F) 0 V to +10 V 7B27-E-04-1 Type E 0°C to +900°C (+32°F to +1652°F) +1 V to +5 V 7B27-E-04-2 Type E 0°C to +900°C (+32°F to +1652°F) 0 V to +10 V 7B27-R-05-1 Type R 0°C to +1750°C (+32°F to +3182°F) +1 V to +5 V 7B27-R-05-2 Type R 0°C to +1750°C (+32°F to +3182°F) 0 V to +10 V 7B27-S-06-1 Type S 0°C to +1750°C (+32°F to +3182°F) +1 V to +5 V 7B27-S-06-2 Type S 0°C to +1750°C (+32°F to +3182°F) 0 V to +10 V 7B27-B-07-1 Type B 0°C to +1800°C (+32°F to +3272°F) +1 V to +5 V 7B27-B-07-2 Type B 0°C to +1800°C (+32°F to +3272°F) 0 V to +10 V |