| Moteur de recherche de fiches techniques de composants électroniques |
|
M25P40-VMP6TG/X Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P40-VMP6TG/X Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 53 page ![]() Operating features M25P40 14/53 4.7 Hold condition The Hold (HOLD) signal is used to pause any serial communications with the device without resetting the clocking sequence. However, taking this signal Low does not terminate any Write Status Register, Program or Erase cycle that is currently in progress. To enter the Hold condition, the device must be selected, with Chip Select (S) Low. The Hold condition starts on the falling edge of the Hold (HOLD) signal, provided that this coincides with Serial Clock (C) being Low (as shown in Figure 5). The Hold condition ends on the rising edge of the Hold (HOLD) signal, provided that this coincides with Serial Clock (C) being Low. If the falling edge does not coincide with Serial Clock (C) being Low, the Hold condition starts after Serial Clock (C) next goes Low. Similarly, if the rising edge does not coincide with Serial Clock (C) being Low, the Hold condition ends after Serial Clock (C) next goes Low. (This is shown in Figure 5). During the Hold condition, the Serial Data output (Q) is high impedance, and Serial Data input (D) and Serial Clock (C) are Don’t Care. Normally, the device is kept selected, with Chip Select (S) driven Low, for the whole duration of the Hold condition. This is to ensure that the state of the internal logic remains unchanged from the moment of entering the Hold condition. If Chip Select (S) goes High while the device is in the Hold condition, this has the effect of resetting the internal logic of the device. To restart communication with the device, it is necessary to drive Hold (HOLD) High, and then to drive Chip Select (S) Low. This prevents the device from going back to the Hold condition. Table 2. Protected area sizes Status Register content Memory content BP2 bit BP1 bit BP0 bit Protected area Unprotected area 0 0 0 none All sectors(1) (eight sectors: 0 to 7) 1. The device is ready to accept a Bulk Erase instruction if, and only if, all Block Protect (BP2, BP1, BP0) are 0. 0 0 1 Upper eighth (Sector 7) Lower seven-eighths (seven sectors: 0 to 6) 0 1 0 Upper quarter (two sectors: 6 and 7) Lower three-quarters (six sectors: 0 to 5) 0 1 1 Upper half (four sectors: 4 to 7) Lower half (four sectors: 0 to 3) 1 0 0 All sectors (eight sectors: 0 to 7) none 1 0 1 All sectors (eight sectors: 0 to 7) none 1 1 0 All sectors (eight sectors: 0 to 7) none 1 1 1 All sectors (eight sectors: 0 to 7) none |