| Moteur de recherche de fiches techniques de composants électroniques |
|
M25P40 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M25P40 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 53 page ![]() M25P40 Instructions 19/53 6.1 Write Enable (WREN) The Write Enable (WREN) instruction (Figure 7) sets the Write Enable Latch (WEL) bit. The Write Enable Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Bulk Erase (BE) and Write Status Register (WRSR) instruction. The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the instruction code, and then driving Chip Select (S) High. Figure 7. Write Enable (WREN) instruction sequence Table 4. Instruction set Instruction Description One-byte instruction code Address bytes Dummy bytes Data bytes WREN Write Enable 0000 0110 06h 0 0 0 WRDI Write Disable 0000 0100 04h 0 0 0 RDID(1) 1. The Read Identification (RDID) instruction is available only in products with Process Technology code X (see Application Note AN1995). Read Identification 1001 1111 9Fh 0 0 1 to 3 RDSR Read Status Register 0000 0101 05h 0 0 1 to ∞ WRSR Write Status Register 0000 0001 01h 0 0 1 READ Read Data Bytes 0000 0011 03h 3 0 1 to ∞ FAST_READ Read Data Bytes at Higher Speed 0000 1011 0Bh 3 1 1 to ∞ PP Page Program 0000 0010 02h 3 0 1 to 256 SE Sector Erase 1101 1000 D8h 3 0 0 BE Bulk Erase 1100 0111 C7h 0 0 0 DP Deep Power-down 1011 1001 B9h 0 0 0 RES Release from Deep Power- down, and Read Electronic Signature 1010 1011 ABh 0 3 1 to ∞ Release from Deep Power- down 0 0 0 C D AI02281E S Q 2 1 34567 High Impedance 0 Instruction |