Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM324KA Fiches technique(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM324KA
Description  QUADRUPLE OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LM324KA Fiches technique(HTML) 19 Page - Texas Instruments

Back Button LM324KA Datasheet HTML 15Page - Texas Instruments LM324KA Datasheet HTML 16Page - Texas Instruments LM324KA Datasheet HTML 17Page - Texas Instruments LM324KA Datasheet HTML 18Page - Texas Instruments LM324KA Datasheet HTML 19Page - Texas Instruments LM324KA Datasheet HTML 20Page - Texas Instruments LM324KA Datasheet HTML 21Page - Texas Instruments LM324KA Datasheet HTML 22Page - Texas Instruments LM324KA Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Device
Package Pins
Site
Reel
Diameter
(mm)
Reel
Width
(mm)
A0 (mm)
B0 (mm)
K0 (mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LM324KANSR
NS
14
SITE 41
330
16
8.2
10.5
2.5
12
16
Q1
LM324KAPWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
LM324KDR
D
14
SITE 41
330
16
6.5
9.0
2.1
8
16
Q1
LM324KNSR
NS
14
SITE 41
330
16
8.2
10.5
2.5
12
16
Q1
LM324KPWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
LM324NSR
NS
14
SITE 41
330
16
8.2
10.5
2.5
12
16
Q1
LM324PWR
PW
14
SITE 41
330
12
7.0
5.6
1.6
8
12
Q1
Device
Package
Pins
Site
Length (mm)
Width (mm)
Height (mm)
LM224ADR
D
14
SITE 41
346.0
346.0
33.0
LM224DR
D
14
SITE 41
346.0
346.0
33.0
LM224KADR
D
14
SITE 41
346.0
346.0
33.0
LM224KDR
D
14
SITE 41
346.0
346.0
33.0
LM2902DR
D
14
SITE 27
342.9
336.6
28.58
LM2902DR
D
14
SITE 41
346.0
346.0
33.0
LM2902KDBR
DB
14
SITE 41
346.0
346.0
33.0
LM2902KDR
D
14
SITE 41
346.0
346.0
33.0
LM2902KNSR
NS
14
SITE 41
346.0
346.0
33.0
LM2902KPWR
PW
14
SITE 41
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
4-Oct-2007
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29