Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1323-27 Fiches technique(PDF) 2 Page - ams AG

No de pièce AS1323-27
Description  1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1323-27 Fiches technique(HTML) 2 Page - ams AG

  AS1323-27 Datasheet HTML 1Page - ams AG AS1323-27 Datasheet HTML 2Page - ams AG AS1323-27 Datasheet HTML 3Page - ams AG AS1323-27 Datasheet HTML 4Page - ams AG AS1323-27 Datasheet HTML 5Page - ams AG AS1323-27 Datasheet HTML 6Page - ams AG AS1323-27 Datasheet HTML 7Page - ams AG AS1323-27 Datasheet HTML 8Page - ams AG AS1323-27 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.austriamicrosystems.com
Revision 1.02
2 - 13
AS1323
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1VBATT
Battery Supply Input and Coil Connection
2VSS
Negative Supply and Ground
3
SHDNN
Shutdown Input.
0 = Shutdown mode.
1 = Normal operating mode.
4VOUT
Output. This pin also supplies bootstrap power to the device.
5LX
Inductor Connection. This pin is connected to the internal N-channel MOSFET switch
drain and P-channel synchronous rectifier drain.
4VOUT
3
SHDNN
2
VSS
1
VBATT
5 LX
AS1323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13