| Moteur de recherche de fiches techniques de composants électroniques |
|
M41T94 Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T94 Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 41 page ![]() Package mechanical data M41T94 36/41 Figure 20. SH – 4-pin SNAPHAT housing for 48mAh battery & crystal, package outline 1. Drawing is not to scale. Table 18. SH – 4-pin SNAPHAT housing for 48mAh battery & crystal, package mechanical data Symbol millimeters inches Typ Min Max Typ Min Max A– – 9.78 – – 0.385 A1 – 6.73 7.24 – 0.265 0.285 A2 – 6.48 6.99 – 0.255 0.275 A3 – – 0.38 – – 0.015 B – 0.46 0.56 – 0.018 0.022 D – 21.21 21.84 – 0.835 0.8560 E – 14.22 14.99 – 0.556 0.590 eA – 15.55 15.95 – 0.612 0.628 eB – 3.20 3.61 – 0.126 0.142 L – 2.03 2.29 – 0.080 0.090 SHTK-A A1 A D E eA eB A2 B L A3 |