Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41T94 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce M41T94
Description  Serial real-time clock with 44 bytes NVRAM and reset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button M41T94_07 Datasheet HTML 33Page - STMicroelectronics M41T94_07 Datasheet HTML 34Page - STMicroelectronics M41T94_07 Datasheet HTML 35Page - STMicroelectronics M41T94_07 Datasheet HTML 36Page - STMicroelectronics M41T94_07 Datasheet HTML 37Page - STMicroelectronics M41T94_07 Datasheet HTML 38Page - STMicroelectronics M41T94_07 Datasheet HTML 39Page - STMicroelectronics M41T94_07 Datasheet HTML 40Page - STMicroelectronics M41T94_07 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
M41T94
Package mechanical data
37/41
Figure 21.
SH – 4-pin SNAPHAT housing for 120mAh battery & crystal, package
outline
1.
Drawing is not to scale.
Table 19.
SH – 4-pin SNAPHAT housing for 120mAh battery & crystal, package mech.
data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
–
–
10.54
–
–
0.415
A1
–
8.00
8.51
–
0.315
0.335
A2
–
7.24
8.00
–
0.285
0.315
A3
–
–
0.38
–
–
0.015
B
–
0.46
0.56
–
0.018
0.022
D
–
21.21
21.84
–
0.835
0.860
E
–
17.27
18.03
–
0.680
0.710
eA
–
15.55
15.95
–
0.612
0.628
eB
–
3.20
3.61
–
0.126
0.142
L
–
2.03
2.29
–
0.080
0.090
SHTK-A
A1
A
D
E
eA
eB
A2
B
L
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41