| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAM27P16 Fiches technique(PDF) 21 Page - ABOV Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ADAM27P16 Fiches technique(HTML) 21 Page - ABOV Semiconductor Co., Ltd. |
|
21 / 39 page ![]() Page 20 of 38 ADAM27PXX 3. Instruction 3.2. INSTRUCTION TABLE The ADAM27PXX provides the following 43 basic instructions. Category 1 2 3 Register to Register LAY LYA LAZ Mnemonic A ← Y Function Y ← A A ← 0 S S S ST*1 4 5 6 RAM to Register LMA LMAIY LYM M(X,Y) ← A M(X,Y) ← A, Y ← Y+1 Y ← M(X,Y) S S S 7 8 LAM XMA A ← M(X,Y) A ↔ M(X,Y) S S 9 10 11 Immediate LYI i LMIIY i LXI n Y ← i M(X,Y) ← i, Y ← Y+1 X ← n S S S 12 13 14 RAM Bit Manipulation SEM n REM n TM n M(n) ← 1 M(n) ← 0 TEST M(n) = 1 S S E 15 16 17 ROM Address BR a CAL a RTN if ST = 1 then Branch if ST = 1 then Subroutine call Return from Subroutine S S S 18 LPBI i PB ← i S 21 22 23 Arithmetic AM SM IM A ← M(X,Y) + A A ← M(X,Y) - A A ← M(X,Y) + 1 C B C 24 25 DM IA A ← M(X,Y) - 1 A ← A + 1 B S 26 27 IY DA Y ← Y + 1 A ← A - 1 C B 19 LBBY BB ←Y S 20 LDWAY AY ← [@XAY] S |