| Moteur de recherche de fiches techniques de composants électroniques |
|
R2021 Fiches technique(PDF) 3 Page - RDC Semiconductor |
|
|
|||||||||||||||||||||||||||||
R2021 Fiches technique(HTML) 3 Page - RDC Semiconductor |
|
3 / 4 page ![]() R2021 R RD DC C®® R RIISSC C D DSSPP C Coom mm muunniiccaattiioonn FAST ETHERNET RISC PROCESSOR Specifications subject to change without notice, contact your sales representatives for the most update information. Page 3 of 4 REV 1.0 Sep. 20 2006 2. Block Diagram DMA Unit Chip Select Unit Refresh Control Unit SDRAM/Bus Interface Unit PIO Unit Timer Control Unit Interrupt Control Unit Clock and Power Management 16550 UART Serial Port0 Instruction Queue (64bits) Instruction Decoder Register File General, Segment, Eflag Register ALU (Special, Logic, Adder, BSF) Micro ROM EA / LA Address Control Signal Execution Unit X1 X2 CLKOUTA INT6-INT5 INT0 DRQ0 DRQ1 SOUT0 SIN0 A[21:0] D[15:0] ALE BHE_n VCC GND MCS_n UCS_n PCS6_n PCS[3:2]_n PCS0_n ARDY RD_n 16550 UART Serial Port1 INT1 INT3 INT2 NMI RST_n MAC0 MAC1 MII 1 MII 0 SD_CLK WE_n CAS_n RAS_n BA[1:0] DCD0_n DTR0_n DSR0_n RTS0_n CTS0_n RI0_n SOUT1 SIN1 DCD1_n DTR1_n DSR1_n RTS1_n CTS1_n RI1_n WR_n/BWSEL Cache PIO[39:0] |