Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF253 Fiches technique(PDF) 9 Page - SYC Electronica

No de pièce LF253
Description  WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SYC [SYC Electronica]
Site Internet  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

LF253 Fiches technique(HTML) 9 Page - SYC Electronica

  LF253 Datasheet HTML 1Page - SYC Electronica LF253 Datasheet HTML 2Page - SYC Electronica LF253 Datasheet HTML 3Page - SYC Electronica LF253 Datasheet HTML 4Page - SYC Electronica LF253 Datasheet HTML 5Page - SYC Electronica LF253 Datasheet HTML 6Page - SYC Electronica LF253 Datasheet HTML 7Page - SYC Electronica LF253 Datasheet HTML 8Page - SYC Electronica LF253 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LF153 - LF253 - LF353
PACKAGE MECHANICAL DATA
8 PINS - PLASTIC MICROPACKAGE (SO)
Dim.
Millim eters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.25
0.004
0.010
a2
1.65
0.065
a3
0.65
0.85
0.026
0.033
b
0.35
0.48
0.014
0.019
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.020
c1
45
° (typ.)
D
4.8
5.0
0.189
0.197
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.150
0.157
L
0.4
1.27
0.016
0.050
M
0.6
0.024
S8
° (max.)



Html Pages

1 2 3 4 5 6 7 8 9