Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR710FZ2H6 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce STR710FZ2H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ2H6 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button STR710FZ2H6 Datasheet HTML 68Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 69Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 70Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 71Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 72Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 73Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 74Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 75Page - STMicroelectronics STR710FZ2H6 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
Product history
STR71xF
72/77
7
Product history
There are three versions of the STR710F series products. All versions are functionally
identical and differ only with the points listed below.
Version "A" was the first version produced and delivered. Version "Z" was the second in
production replacing version "A". Version "Z" has lower power consumption in STOP mode.
Version "X" is the latest introduced.
Marking
The difference between versions is visible on the marking of the product as shown in the
four examples in Figure 44 through Figure 47.
Figure 44.
LQFP144 STR710 version “A”
Figure 45.
LQFP64 STR712 version “Z”
STR710FZ2T6
2208JVG
MLT225571
A
STR710FZ2T6
2208JVG
MLT225571
A
STR712FR2
2208JVG
MLT225571
T6
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77