Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO7220AD Fiches technique(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
No de pièce ISO7220AD
Description  DUAL DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

ISO7220AD Fiches technique(HTML) 19 Page - Texas Instruments

Back Button ISO7220AD Datasheet HTML 15Page - Texas Instruments ISO7220AD Datasheet HTML 16Page - Texas Instruments ISO7220AD Datasheet HTML 17Page - Texas Instruments ISO7220AD Datasheet HTML 18Page - Texas Instruments ISO7220AD Datasheet HTML 19Page - Texas Instruments ISO7220AD Datasheet HTML 20Page - Texas Instruments ISO7220AD Datasheet HTML 21Page - Texas Instruments ISO7220AD Datasheet HTML 22Page - Texas Instruments ISO7220AD Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
www.ti.com
Insulation:
Pollution Degree:
Installation Category:
ISO7220A, ISO7220C, ISO7220M
ISO7221A, ISO7221C, ISO7221M
SLLS755F – JULY 2006 – REVISED AUGUST 2007
ISOLATION GLOSSARY (continued)
Operational insulation -- Insulation needed for the correct operation of the equipment.
Basic insulation -- Insulation to provide basic protection against electric shock.
Supplementary insulation -- Independent insulation applied in addition to basic insulation in order to ensure
protection against electric shock in the event of a failure of the basic insulation.
Double insulation -- Insulation comprising both basic and supplementary insulation.
Reinforced insulation -- A single insulation system which provides a degree of protection against electric shock
equivalent to double insulation.
Pollution Degree 1 -- No pollution, or only dry, nonconductive pollution occurs. The pollution has no influence.
Pollution Degree 2 -- Normally, only nonconductive pollution occurs. However, a temporary conductivity caused
by condensation must be expected.
Pollution Degree 3 -- Conductive pollution occurs or dry nonconductive pollution occurs which becomes
conductive due to condensation which is to be expected.
Pollution Degree 4 – Continuous conductivity occurs due to conductive dust, rain, or other wet conditions.
Overvoltage Category -- This section is directed at insulation co-ordination by identifying the transient
overvoltages which may occur, and by assigning 4 different levels as indicated in IEC 60664.
I: Signal Level -- Special equipment or parts of equipment.
II: Local Level -- Portable equipment etc.
III: Distribution Level -- Fixed installation
IV: Primary Supply Level -- Overhead lines, cable systems
Each category should be subject to smaller transients than the category above.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25