| Moteur de recherche de fiches techniques de composants électroniques |
|
GL826 Fiches technique(PDF) 39 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL826 Fiches technique(HTML) 39 Page - GENESYS LOGIC |
|
39 / 43 page ![]() GL826 USB 2.0 Multi-Slot Flash Card Reader Controller ©2000-2007 Genesys Logic Inc. - All rights reserved. Page 39 Figure 4.10- - - -Timing Diagram of Power Good to USB command receive ready Table 4.13- - - -Reset Timing Parameter Description Min. Typ. Max. Unit Trst Chip reset sense timing width 2 - - us T1 External reset valid from power up to high 1.03 - - ms T2 Reset Deassertion to respond USB command ready 72 - - ms |