Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL852 Fiches technique(PDF) 21 Page - GENESYS LOGIC

No de pièce GL852
Description  USB 2.0 MTT HUB Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESYS [GENESYS LOGIC]
Site Internet  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL852 Fiches technique(HTML) 21 Page - GENESYS LOGIC

Back Button GL852 Datasheet HTML 17Page - GENESYS LOGIC GL852 Datasheet HTML 18Page - GENESYS LOGIC GL852 Datasheet HTML 19Page - GENESYS LOGIC GL852 Datasheet HTML 20Page - GENESYS LOGIC GL852 Datasheet HTML 21Page - GENESYS LOGIC GL852 Datasheet HTML 22Page - GENESYS LOGIC GL852 Datasheet HTML 23Page - GENESYS LOGIC GL852 Datasheet HTML 24Page - GENESYS LOGIC GL852 Datasheet HTML 25Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
GL852 USB 2.0 MTT HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 21
1: Power Self
0: Power Bus
PSELF
Inside GL852
On PCB
Figure 5.7 - SELF/BUS Power Setting
5.2.4 LED Connections
GL852 controls the LED lighting according to the flow defined in section 11.5.3 of Universal Serial Bus
Specification Revision2.0. Both manual mode and Automatic mode are supported in GL852. When GL852
is globally suspended, GL852 will turn off the LED to save power.
AMBER/GREEN
Inside GL852
On PCB
DGND
LED
Figure 5.8 - LED Connection
5.2.5 EEPROM Setting
GL852 replies to host commands by the default settings in the internal ROM. GL852 also offers the ability
to reply to the host according to the settings in the external EEPROM(93C46). The following table shows
the configuration of 93C46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31