| Moteur de recherche de fiches techniques de composants électroniques |
|
GL646USB Fiches technique(PDF) 9 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL646USB Fiches technique(HTML) 9 Page - GENESYS LOGIC |
|
9 / 44 page ![]() GL646USB Rev. 1.4 -8- 119 I SDO I CKSEL I I I SDO I TSTPA7 I I bd4rtd 120 DVDD P DVDD P DVDD P DVDD P DVDD P DVDD P DVDD P DVDD P 121 MTR_SEL I MTR_SEL I MTR_SEL I MTR_SEL I MTRS_EL I MTR_SEL I MTR_SEL I MTR_SEL I bd4rtd 122 MPU_SEL I MPU_SEL I MPU_SEL I MPU_SEL I MPUS_EL I MPUS_EL I MPUS_EL I MPUS_EL I bd4rtd 123 GPIO1 I/O GPIO1 I/O GPIO1 I/O GPIO1 I/O GPIO1 I/O GPIO1 I/O GPIO1 I/O GPIO1 I/O bd4rt 124 GPIO2 I/O GPIO2 I/O GPIO2 I/O GPIO2 I/O GPIO2 I/O GPIO2 I/O GPIO2 I/O GPIO2 I/O bd4rt 125 GPIO3 I/O GPIO3 I/O GPIO3 I/O GPIO3 I/O GPIO3 I/O WMSEL/GPIO3 I/O GPIO3 I/O GPIO3 I/O bd4rt 126 GPIO4 I/O GPIO4 I/O GPIO4 I/O GPIO4 I/O GPIO4 I/O RLCSEL/GPIO4 I/O GPIO4 I/O GPIO4 I/O bd4rt 127 TSTSEL0 I TSTSEL0 I TSTSEL0 I TSTSEL0 I TSTSEL0 I TSTSEL0 I TSTSEL0 I TSTSEL0 I bd4rtd 128 TSTSEL1 I TSTSEL1 I TSTSEL1 I TSTSEL1 I TSTSEL1 I TSTSEL1 I TSTSEL1 I TSTSEL1 I bd4rtd NOTE: In TCD2950D CCD: Pin No : Pin Name NORMAL FAST 49 CCD_CK1X Clock 1 Clock 3 50 CCD_CK2X Clock 2 Clock 2 56 RGB_SEL0 Clock 2 Clock 1 In Mode 6 (SC TEST) : Pin No : MPU_SEL = 0 MPU_SEL = 1 19 GPIO5 DMAD0 20 GPIO6 DMAD1 21 GPIO7 DMAD2 22 GPIO8 DMAD3 23 GPIO9 DMAD4 24 GPIO10 DMAD5 25 GPIO11 DMAD6 26 GPIO12 DMAD7 125 GPIO3 (WMSEL) 126 GPIO4 (RLCSEL) In Mod 1,2,5,9 If Input clock = 12MHZ If CKSEL = 0 => Scanner controller run 24MHZ If CKSEL = 1 => Scanner controller run 32MHZ In Mode 3: If MPUCKOE = 1, MPUCLK = (Input clock frequency)/2 If CKSEL = 1 => Scanner controller run (Input clock frequency) /2 If CKSEL = 0 => Scanner controller run (Input clock frequency) If MPUCKOE = 0, MPUCLK = 0 In Mode 4: Scanner controller run (Input clock frequency) 5.2 Pin Descriptions : MPU or DMA/EPP Interface HSLCTIN(MPU_ALE ) I EPP nAStrb or MPU ALE HI_INIT(MPU_CS) I EPP nINIT or MPU Chip select HAFXTIN(MPU_RD) I EPP nDStrb or MPU Read HSTBIN(MPU_WR) I EPP nWrite or MPU Write |