Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL422 Fiches technique(PDF) 13 Page - GENESYS LOGIC

No de pièce GL422
Description  USB 2.0 SD/MMC-controller Combo Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESYS [GENESYS LOGIC]
Site Internet  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL422 Fiches technique(HTML) 13 Page - GENESYS LOGIC

Back Button GL422 Datasheet HTML 9Page - GENESYS LOGIC GL422 Datasheet HTML 10Page - GENESYS LOGIC GL422 Datasheet HTML 11Page - GENESYS LOGIC GL422 Datasheet HTML 12Page - GENESYS LOGIC GL422 Datasheet HTML 13Page - GENESYS LOGIC GL422 Datasheet HTML 14Page - GENESYS LOGIC GL422 Datasheet HTML 15Page - GENESYS LOGIC GL422 Datasheet HTML 16Page - GENESYS LOGIC GL422 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
GL422/GL423 USB 2.0 +SD/MMC-controller Combo Solution
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 13
3.2.3 EPFIFO
Endpoint FIFO: it includes Control FIFO (FIFO0), interrupt FIFO (FIFO3), Bulk In/Out FIFO (BULKFIFO)
3.2.3.1 Control FIFO
FIFO of control endpoint 0.
It is 64-byte FIFO, and it is used for endpoint 0 data transfer.
3.2.3.2 Interrupt FIFO 64-byte-depth FIFO of endpoint 3 for status interrupt.
3.2.3.3 Bulk In/Out FIFO
It can be in the TX mode or RX mode:
• It contains ping-pong FIFO (512 bytes each bank) for transmit/receive data continuously.
• It can be directly accessed by micro controller
• Support SIE won’t transmit data filled before micro controller check data integrity complete.
• It can be used to copy data block from source to destination in the same card or from one card to other
card.
3.2.4 MHE
It contains 3 MIF (Media Interface), control and MCFIFO
3.2.4.1 MIFs
• SD / MMC MIF
• Memory Stick MIF
• Memory Stick-PRO MIF
3.2.4.2 MCFIFO
32-byte FIFO shared by Memory Stick, Memory Stick-PRO, SD/MMC MIF.
• Memory Stick and Memory Stick-PRO MIF can use MCFIFO as command FIFO.
• SD/MMC MIF use MCFIFO for command and response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32