| Moteur de recherche de fiches techniques de composants électroniques |
|
GL843 Fiches technique(PDF) 71 Page - GENESYS LOGIC |
|
|
|||||||||||||||||||||||||||||
GL843 Fiches technique(HTML) 71 Page - GENESYS LOGIC |
|
71 / 84 page ![]() GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x ©2000-2006 Genesys Logic Inc. - All rights reserved. Page 71 c. TGMODE=10 T1 is the shift time of image data. T2 is for dummy lines. T_R is the exposure time of R channel. T_G is the exposure time of G channel. T_B is the exposure time of B channel.. d. TGMODE=00 T_R , T_G and T_B are the exposure times for three channels. |