Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL9714 Fiches technique(PDF) 13 Page - GENESYS LOGIC

No de pièce GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESYS [GENESYS LOGIC]
Site Internet  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Fiches technique(HTML) 13 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 9Page - GENESYS LOGIC GL9714 Datasheet HTML 10Page - GENESYS LOGIC GL9714 Datasheet HTML 11Page - GENESYS LOGIC GL9714 Datasheet HTML 12Page - GENESYS LOGIC GL9714 Datasheet HTML 13Page - GENESYS LOGIC GL9714 Datasheet HTML 14Page - GENESYS LOGIC GL9714 Datasheet HTML 15Page - GENESYS LOGIC GL9714 Datasheet HTML 16Page - GENESYS LOGIC GL9714 Datasheet HTML 17Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 13
L16
TXDB1
N16
TXDB7
R16
RXDB0
U16
RXDB6
L17
TXDB0
N17
TXDB5
R17
VDD25
U17
VDD25
M1
VSS
P1
VDD25
T1
RXDKC
M2
RXDC7
P2
RXDC1
T2
VDD25
M3
VDD18
P3
RXDC2
T3
TXDC6
M4
RXDC4
P4
RXSTSC2
T4
TXDC2
M5
P5
RXSTSC0
T5
VDD25
M6
P6
TXDC3
T6
VDD18
M7
P7
TXDKC
T7
TXIDLED
M8
P8
RXIDLED
T8
RXIDLEC
M9
P9
VSS
T9
RXPLRC
M10
P10
PD1
T10
TESTD
M11
P11
RXVLDB
T11
PD0
M12
P12
RXVLDA
T12
RXIDLEB
M13
P13
RXDB7
T13
RXIDLEA
M14
RXSTSB1
P14
RXDB5
T14
PCLK
M15
TXDB4
P15
RXDB1
T15
VSS
M16
TXDB3
P16
VSS
T16
RXDB2
M17
VSS
P17
RXSTSB0
T17
RXSTSB2
Blank
Table 3.3 - Alphabetic Pin List
Pin Name
Pin#
Pin Name
Pin#
Pin Name
Pin#
Pin Name
Pin#
Pin Name
Pin#
NC
C3
RXDD0
G4
TXCMPA
F15
TXNC
A6
VSS
H7
NC
C5
RXDD1
E2
TXCMPB
L14
TXND
A2
VSS
H8
NC
C6
RXDD2
F3
TXCMPC
R3
TXPA
B14
VSS
H9
NC
C9
RXDD3
D3
TXCMPD
G1
TXPB
B10
VSS
H10
NC
C11
RXDD4
E3
TXDA0
D13
TXPC
B6
VSS
H11
NC
C13
RXDD5
E4
TXDA1
C14
TXPD
B2
VSS
J2
NC
D6
RXDD6
F4
TXDA2
E16
VDD12
J14
VSS
J7
NC
D10
RXDD7
C2
TXDA3
D14
VDD12
K4
VSS
J8
NC
D11
RXDKA
E17
TXDA4
D15
VDD18
C4
VSS
J9
NC
D12
RXDKB
N15
TXDA5
E14
VDD18
C10
VSS
J10
NC
K17
RXDKC
T1
TXDA6
C16
VDD18
C12
VSS
J11
OPMODE0
R9
RXDKD
E1
TXDA7
C17
VDD18
D7
VSS
J15
OPMODE1
U10
RXIDLEA
T13
TXDB0
L17
VDD18
H17
VSS
K7
OSC25MO
C1
RXIDLEB
T12
TXDB1
L16
VDD18
J17
VSS
K8
OSC25MI
D1
RXIDLEC
T8
TXDB2
K14
VDD18
L4
VSS
K9
PCLK
T14
RXIDLED
P8
TXDB3
M16
VDD18
M3
VSS
K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46