Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GL9701 Fiches technique(PDF) 28 Page - GENESYS LOGIC

No de pièce GL9701
Description  PCI ExpressTM to PCI Bridge
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESYS [GENESYS LOGIC]
Site Internet  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9701 Fiches technique(HTML) 28 Page - GENESYS LOGIC

Back Button GL9701 Datasheet HTML 24Page - GENESYS LOGIC GL9701 Datasheet HTML 25Page - GENESYS LOGIC GL9701 Datasheet HTML 26Page - GENESYS LOGIC GL9701 Datasheet HTML 27Page - GENESYS LOGIC GL9701 Datasheet HTML 28Page - GENESYS LOGIC GL9701 Datasheet HTML 29Page - GENESYS LOGIC GL9701 Datasheet HTML 30Page - GENESYS LOGIC GL9701 Datasheet HTML 31Page - GENESYS LOGIC GL9701 Datasheet HTML 32Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
GL9701 PCI Express
TM to PCI Bridge
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 28
5.6 IDSEL Mapping
While receiving a Type1 Configuration Cycle from the upstream PCI Express port, GL9701 will convert it
into a Type0 Configuration Cycle if the bus number is within the range specified by the Primary Bus Number
Register and the Secondary Bus Number Register.
The format of a Type0 Configuration Cycle is as followed:
GL9701 converts the destination ID device number to one of the AD[31:16] as the IDSEL of the five PCI slots.
The mapping between the AD[31:16] and Device Number is:
Device Number [4:0]
AD[31:16]
00000
0000_0000_0000_0001
00001
0000_0000_0000_0010
00010
0000_0000_0000_0100
00011
0000_0000_0000_1000
00100
0000_0000_0001_0000
00101
0000_0000_0010_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75