| Moteur de recherche de fiches techniques de composants électroniques |
|
STDS75M2E Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDS75M2E Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 37 page ![]() STDS75 DC and AC parameters 29/37 6 DC and AC parameters This section summarizes the operating measurement conditions, and the DC and AC characteristics of the device. The parameters in the DC and AC characteristics Tables that follow, are derived from tests performed under the Measurement Conditions summarized in Table 12. Operating and AC Measurement Conditions. Designers should check that the operating conditions in their circuit match the operating conditions when relying on the quoted parameters. Table 12. Operating and AC measurement conditions Parameter STDS75 Unit VDD/VBAT supply voltage 2.7 to 5.5 V Ambient operating temperature (TA) –55 to 125 °C Input rise and fall times ≤ 5ns Input pulse voltages 0.2 to 0.8VCC V Input and output timing reference voltages 0.3 to 0.7VCC V |