Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8267 Fiches technique(PDF) 54 Page - ams AG

No de pièce AS8267
Description  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8267 Fiches technique(HTML) 54 Page - ams AG

Back Button AS8267 Datasheet HTML 50Page - ams AG AS8267 Datasheet HTML 51Page - ams AG AS8267 Datasheet HTML 52Page - ams AG AS8267 Datasheet HTML 53Page - ams AG AS8267 Datasheet HTML 54Page - ams AG AS8267 Datasheet HTML 55Page - ams AG AS8267 Datasheet HTML 56Page - ams AG AS8267 Datasheet HTML 57Page - ams AG AS8267 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 54 of 136
LCDD Control (LCDD_CTRL) including Input and Config Registers
In the control block of the LCD driver there are two registers. Each of these registers may contain data to be
displayed. With a special bit (921Eh, bit 0), it is possible to select one of the two register banks for display.
Each register defines the settings for the different segment and plane select lines. The following table specifies
the allocation of the register bits:
LSD0
LSD1
LSD2
LSD3
LSD4
LSD5
LSD6
LSD7
LSD8
LSD9
LBP0
reg[0]
reg[4]
reg[8]
reg[12]
reg[16]
reg[20]
reg[24]
reg[28]
reg[32]
reg[36]
LBP1
reg[1]
reg[5]
reg[9]
reg[13]
reg[17]
reg[21]
reg[25]
reg[29]
reg[33]
reg[37]
LBP2
reg[2]
reg[6]
reg[10]
reg[14]
reg[18]
reg[22]
reg[26]
reg[30]
reg[34]
reg[38]
LBP3
reg[3]
reg[7]
reg[11]
reg[15]
reg[19]
reg[23]
reg[27]
reg[31]
reg[35]
reg[39]
LSD10
LSD11
LSD12
LSD13
LSD14
LSD15
LSD16
LSD17
LSD18
LSD19
LBP0
reg[40]
reg[44]
reg[48]
reg[52]
reg[56]
reg[60]
reg[64]
reg[68]
reg[72]
reg[76]
LBP1
reg[41]
reg[45]
reg[49]
reg[53]
reg[57]
reg[61]
reg[65]
reg[69]
reg[73]
reg[77]
LBP2
reg[42]
reg[46]
reg[50]
reg[54]
reg[58]
reg[62]
reg[66]
reg[70]
reg[74]
reg[78]
LBP3
reg[43]
reg[47]
reg[51]
reg[55]
reg[59]
reg[63]
reg[67]
reg[71]
reg[75]
reg[79]
LSD20
LSD21
LSD22
LSD23
LBP0
reg[80]
reg[84]
reg[88]
reg[92]
LBP1
reg[81]
reg[85]
reg[89]
reg[93]
LBP2
reg[82]
reg[86]
reg[90]
reg[94]
LBP3
reg[83]
reg[87]
reg[91]
reg[95]
AS8268 only
Notes:
1)
Each of the register bits represents one of the segments of the digits or a decimal point or one of the
annunciators.
2)
reg[x]=0: Segment is turned off; reg[x]=1: Segment is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More