| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1110 Fiches technique(PDF) 23 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1110 Fiches technique(HTML) 23 Page - ams AG |
|
23 / 24 page ![]() www.austriamicrosystems.com Revision 1.00 23 - 24 AS1110 Data Sheet - O r d e r i n g I n f o r m a t i o n 11 Ordering Information The device is available as the standard products shown in Table 9. Table 9. Ordering Information Type Description Delivery Form Package AS1110-BSSU Constant-Current, 16-Channel LED Driver with Diagnostics Tubes 24-pin SSOP AS1110-BSST Constant-Current, 16-Channel LED Driver with Diagnostics Tape and Reel 24-pin SSOP AS1110-BQFR Constant-Current, 16-Channel LED Driver with Diagnostics Tray 28-pin QFN (5x5mm) AS1110-BQFT Constant-Current, 16-Channel LED Driver with Diagnostics Tape and Reel 28-pin QFN (5x5mm) |