Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER53EDIP-E Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce VIPER53EDIP-E
Description  OFF-line Primary Switch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER53EDIP-E Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button VIPER53EDIP-E Datasheet HTML 14Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 15Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 16Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 17Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 18Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 19Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 20Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 21Page - STMicroelectronics VIPER53EDIP-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Special Recommendations
VIPer53EDIP - E / VIPer53ESP - E
18/31
DocRev1
11
Special Recommendations
10nF capacitor (minimum value: 8nF) should always be connected to the COMP pin to
ensure correct stability of the internal current source Figure 12 on page 22.
In order to improve the ruggedness of the device versus eventual drain overvoltages, a
resistance of 1k
Ω should be inserted in series with the TOVL pin, as shown on Figure 12 on
page 22
Note:
This resistance does not impact the overload delay, as its value is negligible prior to the
internal pull-up resistance (about 125k
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31