| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7263BE Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7263BE Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 145 page ![]() ST7263BDx ST7263BHx ST7263BKx ST7263BE 35/145 I/O ports (Cont’d) Table 11. PA1, PA2 description Figure 23. PA1, PA2 configuration PORT A I / O Alternate function Input1 Output Signal Condition PA1 without pull-up Very High Current open drain SDA (I²C data) I²C enable PA2 without pull-up Very High Current open drain SCL (I²C clock) I²C enable 1Reset State DR DDR LATCH LATCH DR SEL DDR SEL PAD ALTERNATE ENABLE ALTERNATE ENABLE ALTERNATE OUTPUT N-BUFFER 1 0 1 0 CMOS SCHMITT TRIGGER VSS |