Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS-RDS1 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TS-RDS1
Description  USB 2.0 Compact Card Reader
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TS-RDS1 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TS-RDS1 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS-RDS1 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS-RDS1 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS-RDS1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
T
T
TS
S
S---R
R
RD
D
DS
S
S1
1
1
USB 2.0 Compact Card Reader
Transcend information Inc
1
Description
TS-RDS1 is a USB 2.0 Compact Card Reader. It is a
small device specifically designed for fast, easy data
transfer and exchange using multiple types of Memory
Cards. The Card Reader accepts the direct insertion
of; Secure Digital (SD
™), Secure Digital High
Capacity (SDHC
™), miniSD™(SD™), miniSDHC™,
MultiMediaCard (MMC
™), MMCplus™, RS-MMC, and
MMCmobile
™ Memory Cards. In addition the Reader
supports
microSD
™
and MMCmicro
™
Memory
Cards, when combined with their adapter.
Features
• Fully Compliant with the Hi-Speed USB 2.0
specification
• Hi-Speed Data transfer rates of up to 480Mb/s
• USB powered (no external power or battery needed)
• Supports many different types of Memory Cards
without the need for an adapter :
O
Secure Digital Card (SD
™)
O
Secure Digital High Capacity (SDHC
™)
O
miniSD
™
O
miniSDHC
™
O
MultiMediaCard (MMC
™)
O
MMCplus
™
O
RS-MMC
O
MMCmobile
™
• Supports additional Memory Cards with an adapter :
O
microSD
™
O
MMCmicro
™
• LED indicates power connection
Placement
Dimensions
Side
Millimeters
Inches
A
69.00 1.00
±
2.72
± 0.04
B
35.00 1.00
±
1.38
± 0.04
C
15.00 1.00
±
0.59
± 0.04
System Requirements
Desktop or notebook computer with a working USB port
One of the following Operating Systems:
O
Windows
® 98/98SE
O
Windows
® 2000
O
Windows
® Me
O
Windows
® XP
O
Mac
™ OS 9.x, or later
O
Linux
™ Kernel 2.4, or later


Numéro de pièce similaire - TS-RDS1

FabricantNo de pièceFiches techniqueDescription
logo
Transcend Information. ...
TS-RDP5 TRANSCEND-TS-RDP5 Datasheet
81Kb / 3P
USB2.0 Compact Card Reader
TS-RDP6 TRANSCEND-TS-RDP6 Datasheet
69Kb / 3P
USB2.0 Compact Card Reader
TS-RDP7K TRANSCEND-TS-RDP7K Datasheet
206Kb / 5P
USB2.0 Portable Multi-Card Reader
TS-RDP7K/W TRANSCEND-TS-RDP7K/W Datasheet
206Kb / 5P
USB2.0 Portable Multi-Card Reader
TS-RDP7W TRANSCEND-TS-RDP7W Datasheet
206Kb / 5P
USB2.0 Portable Multi-Card Reader
More results

Description similaire - TS-RDS1

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GL816 ETC-GL816 Datasheet
134Kb / 23P
USB 2.0 Flash Card Reader Controller
GL813 ETC-GL813 Datasheet
132Kb / 24P
USB 2.0 CompactFlash Card Reader Controller
AU9321 ETC-AU9321 Datasheet
138Kb / 19P
USB Compact Flash Card Reader Technical Reference Manual
logo
GENESYS LOGIC
GL816 GENESYS-GL816 Datasheet
393Kb / 23P
USB 2.0 Flash Card Reader Controller
GL816E GENESYS-GL816E Datasheet
478Kb / 26P
USB 2.0 9-in-1 Card Reader Controller
logo
List of Unclassifed Man...
AU6369 ETC2-AU6369 Datasheet
525Kb / 30P
USB 2.0 Single-Slot Flash Memory Card Reader
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
USB 2.0 SD/MMC Card Reader Controller
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
USB 2.0 Handheld Device Reader Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
logo
Realtek Semiconductor C...
RTS5138 REALTEK-RTS5138 Datasheet
318Kb / 13P
One-LUN USB 2.0 Card Reader Controller
Doc Rev. 0.92 4th Apr 2009
More results


Html Pages

1 2 3 4