Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC14X42X6 Fiches technique(PDF) 8 Page - France Joint

No de pièce SC14X42X6
Description  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X42X6 Fiches technique(HTML) 8 Page - France Joint

Back Button SC14X42X6 Datasheet HTML 4Page - France Joint SC14X42X6 Datasheet HTML 5Page - France Joint SC14X42X6 Datasheet HTML 6Page - France Joint SC14X42X6 Datasheet HTML 7Page - France Joint SC14X42X6 Datasheet HTML 8Page - France Joint SC14X42X6 Datasheet HTML 9Page - France Joint SC14X42X6 Datasheet HTML 10Page - France Joint SC14X42X6 Datasheet HTML 11Page - France Joint SC14X42X6 Datasheet HTML 12Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 25 x 36 x 7
25.00
36.00
7.00
SC 25 x 37 x 5
25.00
37.00
5.00
SC 25 x 37 x 6
25.00
37.00
6.00
SC 25 x 37 x 7
25.00
37.00
7.00
SC 25 x 37 x 7.5
25.00
37.00
7.50
SC 25 x 37 x 8
25.00
37.00
8.00
SC 25 x 38 x 5
25.00
38.00
5.00
SC 25 x 38 x 7
25.00
38.00
7.00
SC 25 x 40 x 5
25.00
40.00
5.00
SC 25 x 40 x 7
25.00
40.00
7.00
SC 25 x 40 x 8
25.00
40.00
8.00
SC 25 x 40 x 10
25.00
40.00
10.00
SC 25 x 42 x 4
25.00
42.00
4.00
SC 25 x 42 x 6
25.00
42.00
6.00
SC 25 x 42 x 7
25.00
42.00
7.00
SC 25 x 42 x 8
25.00
42.00
8.00
SC 25 x 42 x 8.5
25.00
42.00
8.50
SC 25 x 42 x 10
25.00
42.00
10.00
SC 25 x 43 x 10
25.00
43.00
10.00
SC 25 x 45 x 6.5
25.00
45.00
6.50
SC 25 x 45 x 10
25.00
45.00
10.00
SC 25 x 46 x 7
25.00
46.00
7.00
SC 25 x 47 x 5
25.00
47.00
5.00
SC 25 x 47 x 6
25.00
47.00
6.00
SC 25 x 47 x 7
25.00
47.00
7.00
SC 25 x 47 x 8
25.00
47.00
8.00
SC 25 x 47 x 10
25.00
47.00
10.00
SC 25 x 48 x 8
25.00
48.00
8.00
SC 25 x 50 x 10
25.00
50.00
10.00
SC 25 x 52 x 7
25.00
52.00
7.00
SC 25 x 52 x 8
25.00
52.00
8.00
SC 25 x 52 x 10
25.00
52.00
10.00
SC 25 x 62 x 6
25.00
62.00
6.00
SC 25 x 62 x 7
25.00
62.00
7.00
SC 25 x 62 x 8
25.00
62.00
8.00
SC 25 x 62 x 10
25.00
62.00
10.00
SC 25 x 72 x 7
25.00
72.00
7.00
SC 26 x 34 x 4
26.00
34.00
4.00
SC 26 x 37 x 6
26.00
37.00
6.00
SC 26 x 37 x 7
26.00
37.00
7.00
SC 26 x 38 x 5
26.00
38.00
5.00
SC 26 x 38 x 8
26.00
38.00
8.00
SC 26 x 39 x 5
26.00
39.00
5.00
SC 26 x 40 x 6
26.00
40.00
6.00
SC 26 x 42 x 6
26.00
42.00
6.00
SC 26 x 42 x 7
26.00
42.00
7.00
SC 26 x 42 x 8
26.00
42.00
8.00
SC 26 x 47 x 7
26.00
47.00
7.00
SC 26 x 47 x 9
26.00
47.00
9.00
SC 26 x 47 x 10
26.00
47.00
10.00
SC 26 x 52 x 7
26.00
52.00
7.00
SC 26 x 52 x 8
26.00
52.00
8.00
SC 27 x 36 x 7
27.00
36.00
7.00
SC 27 x 37 x 5
27.00
37.00
5.00
SC 27 x 37 x 7
27.00
37.00
7.00
SC 27 x 40 x 6
27.00
40.00
6.00
SC 27 x 41 x 10
27.00
41.00
10.00
SC 27 x 42 x 10
27.00
42.00
10.00
SC 27 x 43 x 8
27.00
43.00
8.00
SC 27 x 47 x 6
27.00
47.00
6.00
SC 27 x 47 x 10
27.00
47.00
10.00
SC 27 x 49 x 10
27.00
49.00
10.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 28 x 35 x 5
28.00
35.00
5.00
SC 28 x 37 x 7
28.00
37.00
7.00
SC 28 x 38 x 5.5
28.00
38.00
5.50
SC 28 x 38 x 6
28.00
38.00
6.00
SC 28 x 38 x 6.5
28.00
38.00
6.50
SC 28 x 38 x 7
28.00
38.00
7.00
SC 28 x 38 x 10
28.00
38.00
10.00
SC 28 x 40 x 7
28.00
40.00
7.00
SC 28 x 42 x 5.5
28.00
42.00
5.50
SC 28 x 42 x 7
28.00
42.00
7.00
SC 28 x 43 x 7
28.00
43.00
7.00
SC 28 x 45 x 6
28.00
45.00
6.00
SC 28 x 45 x 8
28.00
45.00
8.00
SC 28 x 47 x 5
28.00
47.00
5.00
SC 28 x 47 x 7
28.00
47.00
7.00
SC 28 x 47 x 8.5
28.00
47.00
8.50
SC 28 x 47 x 10
28.00
47.00
10.00
SC 28 x 50 x 6
28.00
50.00
6.00
SC 28 x 50 x 8
28.00
50.00
8.00
SC 28 x 52 x 5
28.00
52.00
5.00
SC 28 x 52 x 7
28.00
52.00
7.00
SC 28 x 52 x 10
28.00
52.00
10.00
SC 28 x 62 x 10
28.00
62.00
10.00
SC 28 x 72 x 10
28.00
72.00
10.00
SC 29 x 40 x 7
29.00
40.00
7.00
SC 29 x 41 x 5
29.00
41.00
5.00
SC 29 x 50 x 10
29.00
50.00
10.00
SC 30 x 37 x 4
30.00
37.00
4.00
SC 30 x 37 x 8
30.00
37.00
8.00
SC 30 x 40 x 4
30.00
40.00
4.00
SC 30 x 40 x 5
30.00
40.00
5.00
SC 30 x 40 x 7
30.00
40.00
7.00
SC 30 x 40 x 8
30.00
40.00
8.00
SC 30 x 40 x 10
30.00
40.00
10.00
SC 30 x 41 x 7
30.00
41.00
7.00
SC 30 x 42 x 4.5
30.00
42.00
4.50
SC 30 x 42 x 6
30.00
42.00
6.00
SC 30 x 42 x 7
30.00
42.00
7.00
SC 30 x 42 x 8
30.00
42.00
8.00
SC 30 x 44 x 9
30.00
44.00
9.00
SC 30 x 44 x 10
30.00
44.00
10.00
SC 30 x 45 x 5
30.00
45.00
5.00
SC 30 x 45 x 6
30.00
45.00
6.00
SC 30 x 45 x 7
30.00
45.00
7.00
SC 30 x 45 x 8
30.00
45.00
8.00
SC 30 x 45 x 10
30.00
45.00
10.00
SC 30 x 46 x 8
30.00
46.00
8.00
SC 30 x 47 x 5
30.00
47.00
5.00
SC 30 x 47 x 6
30.00
47.00
6.00
SC 30 x 47 x 7
30.00
47.00
7.00
SC 30 x 47 x 8
30.00
47.00
8.00
SC 30 x 47 x 8.5
30.00
47.00
8.50
SC 30 x 47 x 10
30.00
47.00
10.00
SC 30 x 48 x 7
30.00
48.00
7.00
SC 30 x 48 x 8
30.00
48.00
8.00
SC 30 x 50 x 5
30.00
50.00
5.00
SC 30 x 50 x 7
30.00
50.00
7.00
SC 30 x 50 x 8
30.00
50.00
8.00
SC 30 x 50 x 10
30.00
50.00
10.00
SC 30 x 50 x 11
30.00
50.00
11.00
SC 30 x 52 x 4
30.00
52.00
4.00
SC 30 x 52 x 6
30.00
52.00
6.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13