Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC14X28X7 Fiches technique(PDF) 11 Page - France Joint

No de pièce SC14X28X7
Description  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X28X7 Fiches technique(HTML) 11 Page - France Joint

Back Button SC14X28X7 Datasheet HTML 5Page - France Joint SC14X28X7 Datasheet HTML 6Page - France Joint SC14X28X7 Datasheet HTML 7Page - France Joint SC14X28X7 Datasheet HTML 8Page - France Joint SC14X28X7 Datasheet HTML 9Page - France Joint SC14X28X7 Datasheet HTML 10Page - France Joint SC14X28X7 Datasheet HTML 11Page - France Joint SC14X28X7 Datasheet HTML 12Page - France Joint SC14X28X7 Datasheet HTML 13Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 45 x 100 x 10
45.00
100.00
10.00
SC 46 x 62 x 9
46.00
62.00
9.00
SC 46 x 65 x 10
46.00
65.00
10.00
SC 46 x 72 x 10
46.00
72.00
10.00
SC 47 x 56 x 7
47.00
56.00
7.00
SC 47 x 62 x 8
47.00
62.00
8.00
SC 47 x 65 x 8
47.00
65.00
8.00
SC 48 x 62 x 8
48.00
62.00
8.00
SC 48 x 64 x 7
48.00
64.00
7.00
SC 48 x 65 x 7
48.00
65.00
7.00
SC 48 x 65 x 10
48.00
65.00
10.00
SC 48 x 68 x 10
48.00
68.00
10.00
SC 48 x 72 x 7
48.00
72.00
7.00
SC 48 x 72 x 8
48.00
72.00
8.00
SC 48 x 72 x 10
48.00
72.00
10.00
SC 48 x 80 x 10
48.00
80.00
10.00
SC 48 x 85 x 10
48.00
85.00
10.00
SC 49 x 65 x 9
49.00
65.00
9.00
SC 50 x 60 x 8
50.00
60.00
8.00
SC 50 x 62 x 7
50.00
62.00
7.00
SC 50 x 62 x 8
50.00
62.00
8.00
SC 50 x 65 x 8
50.00
65.00
8.00
SC 50 x 65 x 10
50.00
65.00
10.00
SC 50 x 66 x 8
50.00
66.00
8.00
SC 50 x 68 x 8
50.00
68.00
8.00
SC 50 x 68 x 10
50.00
68.00
10.00
SC 50 x 70 x 8
50.00
70.00
8.00
SC 50 x 70 x 10
50.00
70.00
10.00
SC 50 x 70 x 12
50.00
70.00
12.00
SC 50 x 72 x 8
50.00
72.00
8.00
SC 50 x 72 x 10
50.00
72.00
10.00
SC 50 x 72 x 12
50.00
72.00
12.00
SC 50 x 75 x 10
50.00
75.00
10.00
SC 50 x 80 x 8
50.00
80.00
8.00
SC 50 x 80 x 10
50.00
80.00
10.00
SC 50 x 85 x 10
50.00
85.00
10.00
SC 50 x 90 x 10
50.00
90.00
10.00
SC 50 x 98 x 6
50.00
98.00
6.00
SC 50 x 110 x 10
50.00
110.00
10.00
SC 51 x 62 x 7
51.00
62.00
7.00
SC 51 x 66 x 6.5
51.00
66.00
6.50
SC 52 x 62 x 8
52.00
62.00
8.00
SC 52 x 65 x 8
52.00
65.00
8.00
SC 52 x 66 x 6
52.00
66.00
6.00
SC 52 x 66 x 9
52.00
66.00
9.00
SC 52 x 68 x 8
52.00
68.00
8.00
SC 52 x 68 x 10
52.00
68.00
10.00
SC 52 x 69 x 10
52.00
69.00
10.00
SC 52 x 72 x 8
52.00
72.00
8.00
SC 52 x 75 x 8
52.00
75.00
8.00
SC 52 x 75 x 12
52.00
75.00
12.00
SC 52 x 78 x 9
52.00
78.00
9.00
SC 52 x 80 x 8
52.00
80.00
8.00
SC 52 x 80 x 10
52.00
80.00
10.00
SC 52 x 85 x 10
52.00
85.00
10.00
SC 52 x 85 x 13
52.00
85.00
13.00
SC 53 x 71 x 9
53.00
71.00
9.00
SC 53 x 85 x 8
53.00
85.00
8.00
SC 54 x 73 x 12.3
54.00
73.00
12.30
SC 54 x 76 x 12
54.00
76.00
12.00
SC 54 x 81 x 11
54.00
81.00
11.00
SC 54 x 85 x 8
54.00
85.00
8.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 55 x 63 x 5
55.00
63.00
5.00
SC 55 x 68 x 8
55.00
68.00
8.00
SC 55 x 70 x 8
55.00
70.00
8.00
SC 55 x 70 x 10
55.00
70.00
10.00
SC 55 x 72 x 7
55.00
72.00
7.00
SC 55 x 72 x 8
55.00
72.00
8.00
SC 55 x 72 x 10
55.00
72.00
10.00
SC 55 x 75 x 7
55.00
75.00
7.00
SC 55 x 75 x 10
55.00
75.00
10.00
SC 55 x 78 x 12
55.00
78.00
12.00
SC 55 x 80 x 8
55.00
80.00
8.00
SC 55 x 80 x 10
55.00
80.00
10.00
SC 55 x 80 x 12
55.00
80.00
12.00
SC 55 x 80 x 13
55.00
80.00
13.00
SC 55 x 85 x 8
55.00
85.00
8.00
SC 55 x 85 x 10
55.00
85.00
10.00
SC 55 x 85 x 13
55.00
85.00
13.00
SC 55 x 90 x 10
55.00
90.00
10.00
SC 55 x 90 x 12
55.00
90.00
12.00
SC 55 x 92 x 9
55.00
92.00
9.00
SC 55 x 100 x 12
55.00
100.00
12.00
SC 55 x 100 x 12.5
55.00
100.00
12.50
SC 56 x 70 x 8
56.00
70.00
8.00
SC 56 x 72 x 8
56.00
72.00
8.00
SC 56 x 80 x 8
56.00
80.00
8.00
SC 56 x 85 x 8
56.00
85.00
8.00
SC 56 x 85 x 13
56.00
85.00
13.00
SC 56 x 90 x 10
56.00
90.00
10.00
SC 56 x 100 x 10
56.00
100.00
10.00
SC 57 x 90 x 13
57.00
90.00
13.00
SC 58 x 72 x 8
58.00
72.00
8.00
SC 58 x 80 x 8
58.00
80.00
8.00
SC 58 x 80 x 10
58.00
80.00
10.00
SC 58 x 80 x 11
58.00
80.00
11.00
SC 58 x 85 x 12
58.00
85.00
12.00
SC 58 x 90 x 10
58.00
90.00
10.00
SC 58 x 90 x 11
58.00
90.00
11.00
SC 60 x 70 x 7
60.00
70.00
7.00
SC 60 x 70 x 8
60.00
70.00
8.00
SC 60 x 72 x 8
60.00
72.00
8.00
SC 60 x 74 x 10
60.00
74.00
10.00
SC 60 x 75 x 8
60.00
75.00
8.00
SC 60 x 75 x 9
60.00
75.00
9.00
SC 60 x 78 x 9
60.00
78.00
9.00
SC 60 x 80 x 8
60.00
80.00
8.00
SC 60 x 80 x 10
60.00
80.00
10.00
SC 60 x 80 x 12
60.00
80.00
12.00
SC 60 x 80 x 13
60.00
80.00
13.00
SC 60 x 82 x 12
60.00
82.00
12.00
SC 60 x 85 x 8
60.00
85.00
8.00
SC 60 x 85 x 10
60.00
85.00
10.00
SC 60 x 85 x 12
60.00
85.00
12.00
SC 60 x 85 x 13
60.00
85.00
13.00
SC 60 x 90 x 8
60.00
90.00
8.00
SC 60 x 90 x 10
60.00
90.00
10.00
SC 60 x 95 x 10
60.00
95.00
10.00
SC 60 x 100 x 10
60.00
100.00
10.00
SC 60 x 110 x 10
60.00
110.00
10.00
SC 60 x 110 x 12
60.00
110.00
12.00
SC 62 x 80 x 10
62.00
80.00
10.00
SC 62 x 85 x 10
62.00
85.00
10.00
SC 62 x 90 x 10
62.00
90.00
10.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13