Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC14X26X5 Fiches technique(PDF) 7 Page - France Joint

No de pièce SC14X26X5
Description  STANDARD SHAFT SEALS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

SC14X26X5 Fiches technique(HTML) 7 Page - France Joint

Back Button SC14X26X5 Datasheet HTML 3Page - France Joint SC14X26X5 Datasheet HTML 4Page - France Joint SC14X26X5 Datasheet HTML 5Page - France Joint SC14X26X5 Datasheet HTML 6Page - France Joint SC14X26X5 Datasheet HTML 7Page - France Joint SC14X26X5 Datasheet HTML 8Page - France Joint SC14X26X5 Datasheet HTML 9Page - France Joint SC14X26X5 Datasheet HTML 10Page - France Joint SC14X26X5 Datasheet HTML 11Page - France Joint Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 18 x 36 x 7
18.00
36.00
7.00
SC 18 x 37 x 5
18.00
37.00
5.00
SC 18 x 38 x 5
18.00
38.00
5.00
SC 18 x 40 x 7
18.00
40.00
7.00
SC 18 x 40 x 10
18.00
40.00
10.00
SC 18 x 47 x 10
18.00
47.00
10.00
SC 19 x 27 x 6
19.00
27.00
6.00
SC 19 x 28 x 6
19.00
28.00
6.00
SC 19 x 30 x 5
19.00
30.00
5.00
SC 19 x 30 x 7
19.00
30.00
7.00
SC 19 x 30 x 8
19.00
30.00
8.00
SC 19 x 32 x 5
19.00
32.00
5.00
SC 19 x 32 x 7
19.00
32.00
7.00
SC 19 x 35 x 6
19.00
35.00
6.00
SC 19 x 35 x 7
19.00
35.00
7.00
SC 19 x 35 x 8
19.00
35.00
8.00
SC 19 x 35 x 10
19.00
35.00
10.00
SC 19 x 36 x 8.5
19.00
36.00
8.50
SC 19 x 40 x 8
19.00
40.00
8.00
SC 19 x 42 x 7
19.00
42.00
7.00
SC 19 x 47 x 10
19.00
47.00
10.00
SC 20 x 26 x 4
20.00
26.00
4.00
SC 20 x 28 x 4
20.00
28.00
4.00
SC 20 x 28 x 5
20.00
28.00
5.00
SC 20 x 28 x 6
20.00
28.00
6.00
SC 20 x 28 x 7
20.00
28.00
7.00
SC 20 x 30 x 4
20.00
30.00
4.00
SC 20 x 30 x 5
20.00
30.00
5.00
SC 20 x 30 x 6
20.00
30.00
6.00
SC 20 x 30 x 7
20.00
30.00
7.00
SC 20 x 32 x 5
20.00
32.00
5.00
SC 20 x 32 x 6
20.00
32.00
6.00
SC 20 x 32 x 7
20.00
32.00
7.00
SC 20 x 33 x 6
20.00
33.00
6.00
SC 20 x 34 x 4
20.00
34.00
4.00
SC 20 x 34 x 5
20.00
34.00
5.00
SC 20 x 34 x 6
20.00
34.00
6.00
SC 20 x 34 x 6.5
20.00
34.00
6.50
SC 20 x 34 x 7
20.00
34.00
7.00
SC 20 x 35 x 4
20.00
35.00
4.00
SC 20 x 35 x 5.5
20.00
35.00
5.50
SC 20 x 35 x 6
20.00
35.00
6.00
SC 20 x 35 x 7
20.00
35.00
7.00
SC 20 x 35 x 10
20.00
35.00
10.00
SC 20 x 36 x 7
20.00
36.00
7.00
SC 20 x 36 x 8
20.00
36.00
8.00
SC 20 x 37 x 7
20.00
37.00
7.00
SC 20 x 37 x 8
20.00
37.00
8.00
SC 20 x 38 x 5
20.00
38.00
5.00
SC 20 x 38 x 7
20.00
38.00
7.00
SC 20 x 38 x 8
20.00
38.00
8.00
SC 20 x 40 x 7
20.00
40.00
7.00
SC 20 x 40 x 10
20.00
40.00
10.00
SC 20 x 42 x 5.5
20.00
42.00
5.50
SC 20 x 42 x 6
20.00
42.00
6.00
SC 20 x 42 x 7
20.00
42.00
7.00
SC 20 x 47 x 5
20.00
47.00
5.00
SC 20 x 47 x 7
20.00
47.00
7.00
SC 20 x 47 x 8.5
20.00
47.00
8.50
SC 20 x 47 x 10
20.00
47.00
10.00
SC 20 x 48 x 7
20.00
48.00
7.00
SC 20 x 52 x 6
20.00
52.00
6.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
SC 20 x 52 x 7
20.00
52.00
7.00
SC 20 x 52 x 8
20.00
52.00
8.00
SC 20 x 52 x 10
20.00
52.00
10.00
SC 21 x 28 x 4
21.00
28.00
4.00
SC 21 x 35 x 6
21.00
35.00
6.00
SC 21 x 35 x 6.5
21.00
35.00
6.50
SC 21 x 36 x 7
21.00
36.00
7.00
SC 22 x 28 x 8
22.00
28.00
8.00
SC 22 x 31 x 5
22.00
31.00
5.00
SC 22 x 32 x 5
22.00
32.00
5.00
SC 22 x 32 x 5.5
22.00
32.00
5.50
SC 22 x 32 x 6
22.00
32.00
6.00
SC 22 x 32 x 7
22.00
32.00
7.00
SC 22 x 34 x 7
22.00
34.00
7.00
SC 22 x 35 x 5.5
22.00
35.00
5.50
SC 22 x 35 x 6
22.00
35.00
6.00
SC 22 x 35 x 6.4
22.00
35.00
6.40
SC 22 x 35 x 7
22.00
35.00
7.00
SC 22 x 35 x 8
22.00
35.00
8.00
SC 22 x 35 x 10
22.00
35.00
10.00
SC 22 x 36 x 6
22.00
36.00
6.00
SC 22 x 36 x 7
22.00
36.00
7.00
SC 22 x 38 x 6
22.00
38.00
6.00
SC 22 x 38 x 8
22.00
38.00
8.00
SC 22 x 40 x 7
22.00
40.00
7.00
SC 22 x 40 x 10
22.00
40.00
10.00
SC 22 x 42 x 7
22.00
42.00
7.00
SC 22 x 45 x 7
22.00
45.00
7.00
SC 22 x 47 x 7
22.00
47.00
7.00
SC 22 x 47 x 10
22.00
47.00
10.00
SC 22 x 50 x 7
22.00
50.00
7.00
SC 22 x 62 x 5.4
22.00
62.00
5.40
SC 23 x 36 x 6
23.00
36.00
6.00
SC 23 x 37 x 6
23.00
37.00
6.00
SC 23 x 37 x 7
23.00
37.00
7.00
SC 23 x 40 x 6
23.00
40.00
6.00
SC 23 x 40 x 8
23.00
40.00
8.00
SC 23 x 40 x 10
23.00
40.00
10.00
SC 23 x 42 x 10
23.00
42.00
10.00
SC 24 x 35 x 6
24.00
35.00
6.00
SC 24 x 35 x 7
24.00
35.00
7.00
SC 24 x 36 x 6
24.00
36.00
6.00
SC 24 x 37 x 5
24.00
37.00
5.00
SC 24 x 37 x 7
24.00
37.00
7.00
SC 24 x 40 x 6.5
24.00
40.00
6.50
SC 24 x 40 x 7
24.00
40.00
7.00
SC 24 x 40 x 8
24.00
40.00
8.00
SC 24 x 40 x 10
24.00
40.00
10.00
SC 24 x 42 x 10
24.00
42.00
10.00
SC 24 x 47 x 6
24.00
47.00
6.00
SC 24 x 47 x 6.4
24.00
47.00
6.40
SC 24 x 47 x 7
24.00
47.00
7.00
SC 24 x 47 x 10
24.00
47.00
10.00
SC 24 x 52 x 10
24.00
52.00
10.00
SC 25 x 32 x 6
25.00
32.00
6.00
SC 25 x 33 x 4
25.00
33.00
4.00
SC 25 x 33 x 6
25.00
33.00
6.00
SC 25 x 34 x 7
25.00
34.00
7.00
SC 25 x 35 x 5
25.00
35.00
5.00
SC 25 x 35 x 6
25.00
35.00
6.00
SC 25 x 35 x 7
25.00
35.00
7.00
SC 25 x 35 x 9
25.00
35.00
9.00
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
ROTARY SEALS | STANDARD SHAFT SEALS |
SC
www.francejoint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13