Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VB37X47X4 Fiches technique(PDF) 5 Page - France Joint

No de pièce VB37X47X4
Description  STANDARD SHAFT SEALS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRANCEJOINT [France Joint]
Site Internet  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

VB37X47X4 Fiches technique(HTML) 5 Page - France Joint

  VB37X47X4 Datasheet HTML 1Page - France Joint VB37X47X4 Datasheet HTML 2Page - France Joint VB37X47X4 Datasheet HTML 3Page - France Joint VB37X47X4 Datasheet HTML 4Page - France Joint VB37X47X4 Datasheet HTML 5Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
|
|
DIMENSIONS
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
VB 5 x 9 x 2
5.00
9.00
2.00
VB 6 x 10 x 2
6.00
10.00
2.00
VB 6 x 12 x 2
6.00
12.00
2.00
VB 7 x 11 x 2
7.00
11.00
2.00
VB 8 x 12 x 3
8.00
12.00
3.00
VB 8 x 14 x 4
8.00
14.00
4.00
VB 9 x 13 x 3
9.00
13.00
3.00
VB 10 x 14 x 3
10.00
14.00
3.00
VB 10 x 15 x 3
10.00
15.00
3.00
VB 10 x 16 x 4
10.00
16.00
4.00
VB 10 x 17 x 3
10.00
17.00
3.00
VB 11 x 15 x 3
11.00
15.00
3.00
VB 11 x 17 x 3
11.00
17.00
3.00
VB 12 x 16 x 3
12.00
16.00
3.00
VB 12 x 18 x 3
12.00
18.00
3.00
VB 12 x 18 x 5
12.00
18.00
5.00
VB 12 x 19 x 3
12.00
19.00
3.00
VB 12 x 20 x 5
12.00
20.00
5.00
VB 13 x 20 x 5
13.00
20.00
5.00
VB 13 x 32 x 10.5
13.00
32.00
10.50
VB 14 x 18 x 3
14.00
18.00
3.00
VB 14 x 20 x 3
14.00
20.00
3.00
VB 14 x 22 x 3
14.00
22.00
3.00
VB 14 x 22 x 4
14.00
22.00
4.00
VB 14 x 24 x 4
14.00
24.00
4.00
VB 15 x 19 x 3
15.00
19.00
3.00
VB 15 x 21 x 2
15.00
21.00
2.00
VB 15 x 21 x 3
15.00
21.00
3.00
VB 15 x 22 x 4
15.00
22.00
4.00
VB 15 x 32 x 6
15.00
32.00
6.00
VB 16 x 22 x 3
16.00
22.00
3.00
VB 16 x 24 x 3
16.00
24.00
3.00
VB 16 x 24 x 4
16.00
24.00
4.00
VB 16 x 30 x 4.5
16.00
30.00
4.50
VB 17 x 23 x 3
17.00
23.00
3.00
VB 17 x 25 x 5
17.00
25.00
5.00
VB 18 x 24 x 4
18.00
24.00
4.00
VB 18 x 26 x 4
18.00
26.00
4.00
VB 19 x 27 x 4
19.00
27.00
4.00
VB 20 x 26 x 4
20.00
26.00
4.00
VB 20 x 28 x 4
20.00
28.00
4.00
VB 22 x 28 x 4
22.00
28.00
4.00
VB 22 x 30 x 4
22.00
30.00
4.00
VB 22 x 32 x 3
22.00
32.00
3.00
VB 25 x 32 x 4
25.00
32.00
4.00
VB 25 x 32 x 5
25.00
32.00
5.00
VB 25 x 33 x 4
25.00
33.00
4.00
VB 25 x 34 x 5
25.00
34.00
5.00
VB 25 x 35 x 4
25.00
35.00
4.00
VB 25 x 35 x 5
25.00
35.00
5.00
VB 25 x 38 x 4
25.00
38.00
4.00
VB 25 x 39 x 6.5
25.00
39.00
6.50
VB 26 x 31 x 3
26.00
31.00
3.00
Part number
Shaft
diameter
Ød1 h11
Bore
diameter
ØD1 H8
Seal
height
H1
VB 26 x 34 x 4
26.00
34.00
4.00
VB 27 x 35 x 4
27.00
35.00
4.00
VB 28 x 35 x 2.5
28.00
35.00
2.50
VB 28 x 35 x 3
28.00
35.00
3.00
VB 28 x 35 x 4
28.00
35.00
4.00
VB 28 x 37 x 6
28.00
37.00
6.00
VB 28 x 38 x 4
28.00
38.00
4.00
VB 28 x 39 x 6.4
28.00
39.00
6.40
VB 29 x 36 x 8
29.00
36.00
8.00
VB 29 x 38 x 4
29.00
38.00
4.00
VB 30 x 35 x 3
30.00
35.00
3.00
VB 30 x 36 x 2.5
30.00
36.00
2.50
VB 30 x 37 x 4
30.00
37.00
4.00
VB 30 x 37 x 5
30.00
37.00
5.00
VB 30 x 38 x 4
30.00
38.00
4.00
VB 30 x 40 x 4
30.00
40.00
4.00
VB 30 x 42 x 4
30.00
42.00
4.00
VB 30 x 45 x 4
30.00
45.00
4.00
VB 30 x 45 x 6
30.00
45.00
6.00
VB 31 x 37 x 3
31.00
37.00
3.00
VB 32 x 42 x 4
32.00
42.00
4.00
VB 32 x 45 x 4
32.00
45.00
4.00
VB 33 x 40 x 3
33.00
40.00
3.00
VB 34 x 40 x 5
34.00
40.00
5.00
VB 34 x 41 x 4
34.00
41.00
4.00
VB 34 x 44 x 5
34.00
44.00
5.00
VB 35 x 41 x 2.5
35.00
41.00
2.50
VB 35 x 42 x 4
35.00
42.00
4.00
VB 35 x 44 x 4
35.00
44.00
4.00
VB 35 x 45 x 4
35.00
45.00
4.00
VB 35 x 45 x 6
35.00
45.00
6.00
VB 37 x 47 x 4
37.00
47.00
4.00
VB 38 x 43 x 3
38.00
43.00
3.00
VB 38 x 45 x 4
38.00
45.00
4.00
VB 38 x 48 x 4
38.00
48.00
4.00
VB 40 x 47 x 4
40.00
47.00
4.00
VB 40 x 50 x 4
40.00
50.00
4.00
VB 40 x 54 x 5
40.00
54.00
5.00
VB 42 x 52 x 4
42.00
52.00
4.00
VB 43 x 53 x 4
43.00
53.00
4.00
VB 45 x 50 x 3
45.00
50.00
3.00
VB 45 x 52 x 4
45.00
52.00
4.00
VB 45 x 54 x 3
45.00
54.00
3.00
VB 46 x 55 x 10.5
46.00
55.00
10.50
VB 46 x 58 x 5
46.00
58.00
5.00
VB 50 x 55 x 4
50.00
55.00
4.00
VB 50 x 58 x 4
50.00
58.00
4.00
VB 60 x 70 x 5
60.00
70.00
5.00
VB 60 x 75 x 4
60.00
75.00
4.00
VB 78 x 95 x 3.9
78.00
95.00
3.90
VB 90 x 100 x 5
90.00
100.00
5.00
VB 125 x 140 x 7
125.00
140.00
7.00
VB 130 x 145 x 7
130.00
145.00
7.00
ROTARY SEALS | STANDARD SHAFT SEALS |
VB
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com



Html Pages

1 2 3 4 5